Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 138 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 138 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 134Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 135Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 136Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 137Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 138Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 139Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 140Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 141Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 142Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 295 page
background image
WM8962
138
Rev 4.3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R71 (47h)
Analogue
HP 2
2:0
HP_BIAS_BOOST
[2:0]
011
Headphone Driver Boost Bias
000 = x 2.0
001 = Reserved
010 = Reserved
011 = x 1.0 (default)
100 to 111 = Reserved
Table 87 Output Signal Path Bias Control Settings
It is recommended that the output signal path bias control settings are selected only from the
supported combinations listed in Table 88.
Note that, for the specified performance in ‘High Performance’ mode, the headphone output
secondary PGAs must be set to -
7dB attenuation. See “Headphone Output Paths” for details of the
associated registers.
DESCRIPTION
DAC_HP
HP_PGAS_BIAS
HP_BIAS_BOOST
HP1L_VOL,
HP1R_VOL
Low Power headphone playback mode
0
011
011
XXX
High Performance headphone playback mode
1
000
000
000
Table 88 Recommended Bias Control Settings (Output Signal Path)
Note that power consumption in the WM8962 can be optimised in real time using the adaptive Charge
Pump that provides the supply rails to the headphone driver. The Dynamic control mode of the
Charge Pump provides lowest power consumption, and may be selected in Low Power or High
Performance headphone playback modes.
Note that there are some operating conditions in which the Dynamic control mode should not be
selected
; these are described in the “Charge Pump” section.
DIGITAL AUDIO INTERFACE
The digital audio interface is used for inputting DAC data to the WM8962 and outputting ADC data
from it. The digital audio interface uses four pins:
ADCDAT: ADC data output
DACDAT: DAC data input
LRCLK: Left/Right data alignment clock
BCLK: Bit clock, for synchronisation
The clock signals BCLK and LRCLK can be outputs when the WM8962 operates as a master, or
inputs when it is a slave (see
“Master and Slave Mode Operation”, below).
Four different audio data formats are supported:
Left justified
Right justified
I2S
DSP mode
All four of these modes are MSB first. They are described in
“Audio Data Formats (Normal Mode)”
below. Refer to the “Signal Timing Requirements” section for timing information.
Time Division Multiplexing (TDM) is available in all four data format modes. The WM8962 can be
programmed to send and receive data in one of two time slots.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com