Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 142 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 142 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 138Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 139Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 140Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 141Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 142Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 143Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 144Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 145Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 146Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 295 page
background image
WM8962
142
Rev 4.3
n
n-1
n-2
3
2
1
n
n-1
n-2
3
2
1
LEFT CHANNEL
RIGHT CHANNEL
MSB
LSB
Input Word Length (WL)
1/fs
LRCLK
BCLK
DACDAT/
ADCDAT
1/2fs
Figure 47 DSP Mode Audio Interface (mode B, LRCLK_INV=1, Master)
n
n-1
n-2
3
2
1
n
n-1
n-2
3
2
1
LEFT CHANNEL
RIGHT CHANNEL
MSB
LSB
Input Word Length (WL)
1/fs
LRCLK
BCLK
DACDAT/
ADCDAT
1 BCLK
Falling edge can occur anywhere in this area
1 BCLK
Figure 48 DSP Mode Audio Interface (mode A, LRCLK_INV=0, Slave)
n
n-1
n-2
3
2
1
n
n-1
n-2
3
2
1
LEFT CHANNEL
RIGHT CHANNEL
MSB
LSB
Input Word Length (WL)
1/fs
LRCLK
BCLK
DACDAT/
ADCDAT
1 BCLK
1 BCLK
Falling edge can occur anywhere in this area
Figure 49 DSP Mode Audio Interface (mode B, LRCLK_INV=1, Slave)
PCM operation is supported in DSP interface mode. WM8962 ADC data that is output on the Left
Channel will be read as mono PCM data by the receiving equipment. Mono PCM data received by the
WM8962 will be treated as Left Channel data. This data may be routed to the Left/Right DACs as
described in the “Digital Mixing” section.
AUDIO DATA FORMATS (TDM MODE)
TDM is supported in master and slave mode and is enabled by register bits AIFADC_TDM_MODE
and AIFDAC_TDM_MODE. All audio interface data formats support time division multiplexing (TDM)
for ADC and DAC data.
Two time slots are available (Slot 0 and Slot 1), selected by register bits AIFADC_TDM_SLOT and
AIFDAC_TDM_SLOT which control time slots for the ADC data and the DAC data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com