Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 146 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 146 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 142Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 143Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 144Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 145Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 146Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 147Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 148Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 149Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 150Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 295 page
background image
WM8962
146
Rev 4.3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R7 (07h)
Audio
Interface 0
6
MSTR
0
Audio Interface Mode Select
0 = Slave mode
1 = Master mode
R8 (08h)
Clocking2
3:0
BCLK_DIV
0100
BCLK Rate
0000 = DSPCLK
0001 = Reserved
0010 = DSPCLK / 2
0011 = DSPCLK / 3
0100 = DSPCLK / 4 (default)
0101 = Reserved
0110 = DSPCLK / 6
0111 = DSPCLK / 8
1000 = Reserved
1001 = DSPCLK / 12
1010 = DSPCLK / 16
1011 = DSPCLK / 24
1100 = Reserved
1101 = DSPCLK / 32
1110 = DSPCLK / 32
1111 = DSPCLK / 32
R14 (0Eh)
Audio
Interface 2
10:0
AIF_RATE
[10:0]
040h
LRCLK Rate
LRCLK clock output =
BCLK / AIF_RATE
Integer (LSB = 1)
Valid from 4..2047
Default (040h) = 64 BCLKs per LRCLK
Table 92 Digital Audio Interface Clock Control
COMPANDING
The WM8962 supports A-law and
-law companding on both transmit (ADC) and receive (DAC) sides
as shown in Table 93.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R9 (09h)
Audio
Interface 1
4
DAC_COMP
0
DAC Companding Enable
0 = disabled
1 = enabled
3
DAC_COMPMODE
0
DAC Companding Type
0 = µ-law
1 = A-law
2
ADC_COMP
0
ADC Companding Enable
0 = disabled
1 = enabled
1
ADC_COMPMODE
0
ADC Companding Type
0 = µ-law
1 = A-law
Table 93 Companding Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com