Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 149 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 149 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 145Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 146Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 147Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 148Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 149Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 150Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 151Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 152Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 153Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 295 page
background image
WM8962
Rev 4.3
149
CLOCKING AND SAMPLE RATES
The internal clocks for the WM8962 are all derived from a common internal clock source, SYSCLK.
This clock is the reference for the ADCs, DACs, DSP core functions, digital audio interface, Class D
switching amplifier, DC servo control and other internal functions.
SYSCLK can either be derived directly from MCLK, or may be generated from the Frequency Locked
Loop (FLL) or Phase Locked Loop (PLL). Many commonly-used audio sample rates can be derived
directly from typical MCLK frequencies; the FLL and PLL provide additional flexibility for a wide range
of reference frequencies. To avoid audible glitches, all clock configurations must be set up before
enabling playback. The FLL can be used to generate a free-running clock in the absence of an
external reference source; s
ee “Free-Running FLL Clock” for further details. See “Internal / External
Clock Generation
” for further details of the PLL and FLL circuits.
The WM8962 supports automatic clocking configuration. The programmable dividers associated with
the ADCs, DACs, DSP core functions, Class D switching and DC servo are configured automatically,
with values determined from the MCLK_RATE and SAMPLE_RATE fields. The user must also
configure the OPCLK (if required), the TOCLK (if required) and the digital audio interface.
ADC/DAC oversample rates of 64fs or 128fs are supported (based on a 48kHz sample rate).
A 256kHz clock, supporting a number of internal functions, is derived from SYSCLK.
The Class D switching amplifier and DC servo control circuits are clocked from SYSCLK.
A GPIO Clock, OPCLK, can be derived from SYSCLK and output on a GPIO pin to provide clocking to
other devices. This clock is enabled by OPCLK_ENA and controlled by OPCLK_DIV.
A slow clock, TOCLK, is used to set the timeout period for volume updates when zero-cross detect is
used. This clock is enabled by TOCLK_ENA and controlled by TOCLK_DIV. A de-bounce clock,
DBCLK, is used to control the de-bouncing of button/accessory detect GPIO inputs and selected
interrupt inputs. This clock is enabled automatically whenever GPIO or interrupt de-bouncing is
selected. The de-bounce clock frequency is controlled by DBCLK_DIV.
In master mode, BCLK is derived from DSPCLK via a programmable divider set by BCLK_DIV. In
master mode, the LRCLK is derived from BCLK via a programmable divider AIF_RATE.
In Slave mode, BCLK and LRCLK are inputs to the WM8962, allowing another digitial audio interface
to drive these pins. See the “BCLK and LRCLK Control” sub-section for specific operating constraints
in this configuration.
The control registers associated with Clocking and Sample Rates are shown in Table 98 to Table 103.
The overall clocking scheme for the WM8962 is illustrated in Figure 57.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com