Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 151 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 151 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 147Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 148Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 149Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 150Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 151Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 152Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 153Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 154Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 155Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 295 page
background image
WM8962
Rev 4.3
151
Note that it is important that the GPIO5 input is held in a defined logic state (logi
c ‘0’ or logic ‘1’) during
start-up; it must not be left floating. If normal GPIO functionality is required on the GPIO5 pin, then the
CLKREG_OVD bit must be set
to ‘1’ in order to select normal read/write control of all the clocking
registers, and to permit GPIO functions.
The GPIO5 pin must be held in a defined logic state (logic ‘0’
or logic ‘1’) whenever the pin is configured as an input, including whenever CLKREG_OVD = 0
(default).
See “Internal / External Clock Generation” for more details of the FLL and PLL clock generators.
The SYSCLK signal is enabled by register bit SYSCLK_ENA. This bit should be set to 0 when
reconfiguring clock sources.
The following operating frequency limits are recommended when configuring SYSCLK. Failure to
observe these limits may result in degraded noise performance.
MCLK
 3MHz
If DAC_HP = 1 or ADC_HP = 1, then MCLK
 6MHz
The valid clocking ratios for DAC and/or ADC operation are identified in Table 96. See also Table 97
for details of the supported functions for each combination of Sample Rate and MCLK / fs ratio.
SAMPLE
RATE (kHz)
MCLK RATE (MCLK / fs ratio)
64
128
192
256
384
512
768
1024
1536
3072
6144
8
1
2
3
4
5
6
6
6
6
6
6
11.025
1
2
3
4
5
6
6
6
6
6
12
1
2
3
4
5
6
6
6
6
6
16
1
2
3
4
5
6
6
6
6
6
22.05
1
2
3
4
5
6
6
6
6
24
1
2
3
4
5
6
6
6
6
32
1
2
3
4
5
6
6
6
6
44.1
1
2
3
4
5
6
5
6
48
1
2
3
4
5
6
5
6
88.2
1
2
3
4
3
4
96
1
2
3
4
3
4
Table 96 MCLK / Sample Rate Availability
CODE
DAC/ADC
Configuration ADC Signal Path Enhancements
DAC Signal Path Enhancements
HPF,
LPF/HPF,
DF1 Filter,
3D Surround,
Dynamic Range
Control (DRC)
ReTune
Dynamic Range
Control (DRC)
5-band EQ
Virtual Surround
Sound (VSS),
ReTune
HD Bass,
DAC HPF
1
Mono DAC
2
Stereo DAC
3
Stereo DAC
4
Stereo CODEC
or Stereo DAC
5
Stereo CODEC
6
Stereo CODEC
Table 97 DAC/ADC and Audio Enhancements Availability
The supported MCLK frequency range is defined in the “Signal Timing Requirements”.
The MCLK / fs ratio is set using the MCLK_RATE register. See “Automatic Clocking Configuration” for
details of this register.
The MCLK and SYSCLK control register fields are defined in Table 98.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com