Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 155 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 155 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 151Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 152Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 153Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 154Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 155Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 156Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 157Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 158Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 159Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 295 page
background image
WM8962
Rev 4.3
155
CLASS D, 256K, DC SERVO CLOCK CONTROL
The clocking of the Class D amplifier, DC Servo and other functions is derived from SYSCLK. The
associated dividers are configured automatically by the WM8962.
The Class D amplifier switching frequency is controlled by CLASSD_CLK_DIV. In automatic clocking
mode, the WM8962 uses this divider to generate a Class D clock that is approximately 768kHz. (Note
that there is an additional divide by two in the output stage producing a 384kHz switching frequency.)
A 256kHz clock is required for other circuits, including the Control Write Sequencer. In automatic
clocking mode, the WM8962 uses F256KCLK_DIV to generate a clock that is approximately 256kHz.
The DC Servo clock frequency is controlled by DCSCLK_DIV. In automatic clocking mode, the
WM8962 uses this divider to generate a clock that is approximately 1.5MHz.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8 (08h)
Clocking2
8:6
CLASSD_CLK_
DIV [2:0]
111
Class D Clock Divider
000 = SYSCLK
001 = SYSCLK / 2
010 = SYSCLK / 3
011 = SYSCLK / 4
100 = SYSCLK / 6
101 = SYSCLK / 8
110 = SYSCLK / 12
111= SYSCLK / 16
This field is for read-back only; it is set
automatically and cannot be adjusted.
R30 (1Eh)
Clocking 3
6:1
F256KCLK_DIV
[5:0]
2Fh
256kHz Clock Divider
0d = SYSCLK
1d = SYSCLK / 2
2d = SYSCLK / 3
….
63d = SYSCLK / 64
This field is for read-back only; it is set
automatically and cannot be adjusted.
R56 (38h)
Clocking 4
8:5
DCSCLK_DIV
[3:0]
1000
DC Servo Clock Divider
0000 = SYSCLK
0001 = SYSCLK / 1.5
0010 = SYSCLK / 2
0011 = Reserved
0100 = SYSCLK / 3
0101 = SYSCLK / 4
0110 = Reserved
0111 = SYSCLK / 6
1000 = SYSCLK / 8
1001 to 1111 = Reserved
This field is for read-back only; it is set
automatically by the WM8962.
Table 101 Class D, 256k, DC Servo Clock Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com