Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 159 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 159 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 155Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 156Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 157Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 158Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 159Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 160Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 161Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 162Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 163Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 295 page
background image
WM8962
Rev 4.3
159
START-UP OPTIONS FOR INTERNAL / EXTERNAL CLOCK GENERATION
The default (start-up) conditions of the WM8962 can be selected using the GPIO5 pin as a hardware
control input. The logic state of the GPIO5 pin during start-up determines the initial value of the
clocking control registers, causing different functionality to be selected for each logic state.
Under specific conditions, some of the registers that are controlled by the GPIO5 pin are locked to
prevent accidental writes to the affected bit(s). In some cases, the GPIO5 pin determines the initial
condition, but the register can still be updated via the Control Interface.
It is possible to unlock all of the clocking control registers, giving full flexibility of the clocking
configuration and to enable GPIO functionality on the GPIO5 pin.
The start-up options for the WM8962 are summarised below. The behaviour of the associated
clocking control registers is summarised in Table 104.
The WM8962 can be configured to generate a CLKOUT5 output as a default start-up condition. Under
default register conditions, with a logic ‘1’ applied to the GPIO5 pin, the CLKOUT5 pin will default to a
Clock output that is derived from the Crystal Oscillator. In this configuration, the Oscillator is enabled
by default, and the CLKOUT5 frequency is the oscillator frequency divided by 2.
Under default register conditions, with a logic ‘0’ applied to the GPIO5 pin, the crystal oscillator is
disabled by default, and no clocks will be present on any of the CLKOUTn pins on start-up.
For full configuration flexibility of the WM8962 Clocking functions, the CLKREG_OVD bit must be set
to ‘1’ in order to select normal read/write access to all clocking control registers.
Note that the GPIO5 pin must be held in a defined logic state (logic ‘0’ or logic ‘1’) during start-up; it
must not be left floating. Normal GPIO5 functionality can be enabled after start-up, after setting the
CLKREG_OVD bit to ‘1’. The GPIO5 pin must be held in a defined logic state (logic ‘0’ or logic ‘1’)
whenever the pin is configured as an input, including whenever CLKREG_OVD = 0.
REGISTER
CLKREG_OVD=0
CLKREG_OVD=1
GPIO5=0
GPIO5=1
MCLK_SRC
00 (MCLK)
01 (FLL) *
00 (MCLK)
OSC_ENA
0 (Disabled) *
1 (Enabled)
1 (Enabled)
CLKOUT3_SEL
10 (FLL) *
00 (PLL3)
CLKOUT5_SEL
1 (FLL) *
0 (Oscillator)
0 (Oscillator)
CLKOUT2_DIV
1 (Divide by 2) *
0 (Divide by 1)
CLKOUT5_DIV
1 (Divide by 2) *
0 (Divide by 1)
PLL2_ENA
0 (Disabled) *
1 (Enabled)
PLL3_ENA
0 (Disabled) *
1 (Enabled)
Note - The register settings marked (*) are locked to prevent accidental writes to these registers.
Table 104 Start-Up Options for Internal / External Clock Generation
The register settings described in Table 104 are the initial/default values corresponding to each
GPIO5 condition and each CLKREG_OVD condition. (Note that other clocking configuration registers,
which have no dependency on GPIO5 or CLKREG_OVD, are not listed in Table 104.)
When CLKREG_OVD=0, then the register settings marked (*) are locked to prevent accidental writes
to the associated registers.
When CLKREG_OVD=1, then all of the clocking control fields can be written via the Control Interface.
The MCLK_SRC register is described in the “Clocking and Sample Rates” section. The other registers
referenced above are described later in this section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com