Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 160 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 160 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 156Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 157Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 158Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 159Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 160Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 161Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 162Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 163Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 164Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 295 page
background image
WM8962
160
Rev 4.3
INTERNAL OSCILLATOR CONTROL
The internal oscillator is enabled by OSC_ENA. The oscillator is suitable for operation at 24MHz,
using a suitable external crystal. The oscillator should be enabled when an external crystal is
connected to MCLK to provide clocking; it should be disabled when an external clock is connected to
MCLK.
The OSC_ENA register is controlled automatically under certain circumstances, as described below.
The associated control register, CLKREG_OVD, is defined in the “Automatic Clocking Configuration”
section, (see “Clocking and Sample Rates”).
When a logic 0 is applied on the GPIO5 pin, the OSC_ENA register is set 0. In this case, the
OSC_ENA register is locked to prevent accidental writes to this register. The OSC_ENA register can
be unlocked by setting the CLKREG_OVD bit.
When a logic 1 is applied on the GPIO5 pin, the OSC_ENA register defaults to 1. In this case, the
default (1) is selected on the rising edge of GPIO5; other settings can then be selected by writing to
the OSC_ENA register as normal.
Note that, if GPIO functionality is required on the GPIO5 pin, then the CLKREG_OVD bit must be set
to ‘1’ in order to select normal read/write control of the OSC_ENA register.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R129 (81h)
PLL 2
7
OSC_ENA
0
Internal Oscillator Enable
0 = Disabled
1 = Enabled
If CLKREG_OVD = 0, then OSC_ENA is
controlled by the GPIO5 pin.
If CLKREG_OVD = 0 and GPIO5 = 0,
then OSC_ENA = 0 and cannot be
changed by the Control Interface.
If CLKREG_OVD = 0 and GPIO5 = 1,
then OSC_ENA = 1 by default, but the
value can be changed via the Control
Interface.
If CLKREG_OVD = 1 then OSC_ENA =
1 by default, but the value can be
changed via the Control Interface.
Table 105 Internal Oscillator Enable
The crystal oscillator requires an external crystal on the XTI and XTO pins The WM8962 provides
internal loading capacitors for the crystal, removing the need for any external capacitors, as shown in
Figure 59.
Crystal Oscillator
XTI / MCLK
XTO
Figure 59 Crystal Oscillator
The internal loading capacitance
is detailed in the “Electrical Characteristics”. Selection of the correct
crystal component is important to ensure best accuracy and stability of the oscillator.
In cases where the internal loading capacitance differs from the required value (eg. due to
characteristics of the chosen crystal, or due to additional capacitive effects of PCB tracks), it is
possible to compensate for this within the WM8962, using the control registers described below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com