Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 156 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 156 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 152Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 153Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 154Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 155Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 156Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 157Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 158Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 159Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 160Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 295 page
background image
WM8962
156
Rev 4.3
OPCLK CONTROL
A clock output (OPCLK) derived from SYSCLK may be output on a GPIO pin. This clock is enabled by
register bit OPCLK_ENA, and its frequency is controlled by OPCLK_DIV.
This output of this clock is also dependent upon the GPIO register settings described in the General
Purpose Input/Output (GPIO)
” section.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R25 (19h)
Pwr Mgmt
(1)
9
OPCLK_ENA
0
GPIO Clock Output Enable
0 = Disabled
1 = Enabled
R30 (1Eh)
Clocking 3
12:10
OPCLK_DIV
[2:0]
000
GPIO Output Clock Divider
000 = SYSCLK
001 = SYSCLK / 2
010 = SYSCLK / 3
011 = SYSCLK / 4
100 = SYSCLK / 6
101 = SYSCLK / 8
110 = SYSCLK / 12
111 = SYSCLK / 16
000 = SYSCLK / 16
Table 102 OPCLK Control
TOCLK, DBCLK CONTROL
A slow clock (TOCLK) is derived from the internally generated 256kHz clock to enable input de-
bouncing and volume update timeout functions. This clock is enabled by register bit TOCLK_ENA,
and its frequency is controlled by TOCLK_DIV.
A de-bounce clock, DBCLK, is used to control the de-bouncing of GPIO inputs and selected interrupt
inputs. This clock is enabled automatically whenever GPIO or interrupt de-bouncing is selected. The
de-bounce clock frequency is controlled by DBCLK_DIV.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R23 (17h)
Additional
Control(1)
0
TOCLK_ENA
0
TOCLK Enable
0 = Disabled
1 = Enabled
R30 (1Eh)
Clocking 3
15:13
DBCLK_DIV
[2:0]
000
DBCLK Rate Divider
(divides the 256kHz clock; nominal
frequency is quoted in brackets)
000 = f / 256 (1kHz)
001 = f / 2048 (125Hz)
010 = f / 4096 (62.5Hz)
011 = f / 8192 (31.2Hz)
100 = f / 16384 (15.6Hz)
101 = f / 32768 (7.8Hz)
110 = f / 64536 (3.9Hz)
111 = f / 131072 (1.95Hz)
9:7
TOCLK_DIV
[2:0]
000
TOCLK Rate Divider
(divides the 256kHz clock; nominal
frequency is quoted in brackets)
000 = f / 256 (1kHz)
001 = f / 512 (500Hz)
010 = f / 1024 (250Hz)
011 = f / 2048 (125Hz)
100 = f / 4096 (62.5Hz)
101 = f / 8192 (31.2Hz)
110 = f / 16384 (15.6Hz)
111 = f / 32768 (7.8Hz)
Table 103 TOCLK, DBCLK Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com