Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 157 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 157 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 153Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 154Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 155Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 156Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 157Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 158Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 159Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 160Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 161Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 295 page
background image
WM8962
Rev 4.3
157
BCLK AND LRCLK CONTROL
In master mode, BCLK is derived from DSPCLK via a programmable division set by BCLK_DIV.
In master mode, LRCLK is derived from BCLK via a programmable division set by AIF_RATE.
See “Digital Audio Interface Control” for details of these fields.
In Slave mode, BCLK/LRCLK should not be stopped whilst a DAC to Speaker playback path is active
unless SYSCLK is also stopped. Failure to meet this requirement may result in a DC output at the
speaker outputs, and possible speaker damage.
In Slave mode, if BCLK/LRCLK may stop during DAC to Speaker playback then it is recommended to
use a SYSCLK source that will also stop at the same time as BCLK/LRCLK. It is important to note that
the FLL will continue to run even when its input reference is removed; if the FLL is selected as the
SYSCLK source, then SYSCLK will not stop if BCLK/LRCLK is stopped.
If SYSCLK is stopped whenever BCLK/LRCLK is stopped, or if the audio interface is operating in
Master mode, then no specific action is required in relation to BCLK/LRCLK stopping.
If BCLK/LRCLK may stop during DAC to Speaker playback, with SYSCLK still running, then it is
recommended to disable the Speaker output (see “Output Signal Path”) or to disable the DAC to
Speaker Mixer paths (see “Speaker Output Paths”) before stopping BCLK/LRCLK.
If it is not possible to change the WM8962 settings before BCLK/LRCLK are stopped (ie. the
BCLK/LRCLK inputs may stop unpredictably), then the DAC 2nd order HPF should be enabled in order
to remove DC offsets in the output signal. See “DAC Signal Path Enhancements” for details of this
feature.
CONTROL INTERFACE CLOCKING
Register map access is possible with or without a system clock (SYSCLK). The source for SYSCLK
may be either the MCLK pin, FLL or PLL3, as described abov
e in the “SYSCLK Control” section.
When SYSCLK_ENA = 1, then an active clock source for SYSCLK must be present for control
interface clocking. If the SYSCLK source is stopped, then SYSCLK_ENA must be set to 0 for control
register access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com