Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 158 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 158 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 154Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 155Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 156Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 157Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 158Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 159Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 160Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 161Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 162Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 295 page
background image
WM8962
158
Rev 4.3
INTERNAL / EXTERNAL CLOCK GENERATION
The WM8962 provides many features to generate clocks for internal and external use. The internal
SYSCLK is either generated from MCLK directly, or can be generated using the FLL or using PLL3.
The WM8962 Clock Generation options are illustrated in Figure 58.
24MHz
XTI/MCLK
XTO
Internal
Oscillator
PLL2
PLL3
MCLK source
GPIO2 output
GPIO3 output
PLL_CLK_SRC
OSC_ENA
PLL2_ENA
CLKOUT2_SEL
PLL3_ENA
CLKOUT3_SEL
MCLK_SRC
CLKOUT5_DIV
/N
CLKOUT2_DIV
CLKOUT5_SEL
FLL_REFCLK_SRC
FLL_ENA
FLL_TO_PLL3
FLL
BCLK
/N
/N
CLKOUT3_DIV
PLL_SYSCLK_DIV
Divide by 1, 2 or 4
/N
/N
/N
PLL2_OUTDIV
PLL3_OUTDIV
/N
FLL_OUTDIV
CLKOUT5_OE
CLKOUT2_OE
CLKOUT3_OE
Figure 58 Clock Generation Block Diagram
The MCLK pin supports clock input from external source; this provides a reference for clocking the
WM8962 internal circuits via SYSCLK. The WM8962 also provides an internal oscillator circuit, using
an external crystal connected to the MCLK pin.
The output of the oscillator can be output directly on the CLKOUT2 or CLKOUT5 pins.
The WM8962 incorporates a Frequency Locked Loop (FLL). The input reference to the FLL is
selectable; it can be either the MCLK or BCLK pin directly, or else the internal oscillator. The FLL can
be used to generate SYSCLK; it can also be configured to provide an input reference to PLL3.
The WM8962 incorporates two Phase Locked Loop (PLL) circuits. The input reference to these PLLs
is selectable; it can either be the MCLK pin directly, or else the internal oscillator. The FLL output can
be selected as the input reference for PLL3 if required.
The PLLs can be used to generate a variety of clock signals from the available reference inputs.
These are configurable circuits which perform frequency multiplication and frequency division to suit
the application requirements. The PLLs are tolerant of jitter on the input reference and can therefore
be used to generate a stable output from a less stable input.
The signals generated by PLL2 and PLL3 can be output on the CLKOUT2 and CLKOUT3 pins
respectively. If any PLL output is not required, then the respective CLKOUT pin(s) can alternatively be
used for GPIO functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com