Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 161 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 161 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 157Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 158Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 159Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 160Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 161Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 162Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 163Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 164Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 165Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 295 page
background image
WM8962
Rev 4.3
161
The compensation in internal loading capacitance (with respect to the default value) must be
configured on the XTI and XTO pins individually. The combined effect of the compensation is as per
series-connected capacitors; therefore, if the overall difference required is -1pF, then an adjustment of
-2pF must be made on each of the XTI and XTO pins. Note that this sum assumes that the difference
is the same for both pins.
To apply the capacitive correction, the combined difference (-2pF in the above example) should be
applied to XTI_CAP_SEL and XTO_CAP_SEL registers.
It is necessary to ensure that the values written to the XTI_CAP_SEL and XTO_CAP_SEL registers
do not cause internal limits to be exceeded; this requires the oscillator trim registers to be read, in
order to confirm the amount of calibration already configured to match the specified Electrical
Characteristics.
The value written to XTI_CAP_SEL, when summed with the trim value OSC_TRIM_XTI, must not
result in a value outside the limits of OSC_TRIM_XTI. The sum of the XTI_CAP_SEL and
OSC_TRIM_XTI settings must be between 8pF and 23.5pF.
The value written to XTO_CAP_SEL, when summed with the trim value OSC_TRIM_XTO, must not
result in a value outside the limits of OSC_TRIM_XTO. The sum of the XTO_CAP_SEL and
OSC_TRIM_XTO settings must be between 8pF and 23.5pF.
As an example, if the read value of OSC_TRIM_XTI is 21.5pF, then it is not possible to increase the
XTI capacitance by more than 2pF - a larger value would exceed the 23.5pF limit.
Note that the description provided here assumes that the difference in capacitance (with respect to the
recommended value) is the same for both pins (XTI and XTO).
The relevant registers are described in Table 106.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R115 (73h)
Oscillator
Trim (3)
4:0
OSC_TRIM_XTI
[4:0]
Trimmed Oscillator XTI capacitance
00h = 8pF
01h = 8.5pF
… 0.5pF steps
1Eh = 23pF
1Fh = 23.5pF
This field is for read-back only; it is set
automatically and cannot be adjusted.
see Table 107 for details.
R116 (74h)
Oscillator
Trim (4)
4:0
OSC_TRIM_XT
O [4:0]
Trimmed Oscillator XTO capacitance
00h = 8pF
01h = 8.5pF
… 0.5pF steps
1Eh = 23pF
1Fh = 23.5pF
This field is for read-back only; it is set
automatically and cannot be adjusted.
see Table 107 for details.
R119 (77h)
Oscillator
Trim (7)
7:4
XTO_CAP_SEL
[3:0]
0000
XTO load capacitance adjustment
Two’s complement format,
LSB = 0.5pF
Range is -4.0pF to +3.5pF
see Table 108 for details
3:0
XTI_CAP_SEL
[3:0]
0000
XTI load capacitance adjustment
Two’s complement format,
LSB = 0.5pF
Range is -4.0pF to +3.5pF
see Table 108 for details
Table 106 Oscillator Trim Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com