Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 165 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 165 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 161Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 162Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 163Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 164Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 165Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 166Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 167Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 168Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 169Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 295 page
background image
WM8962
Rev 4.3
165
The FLL output frequency is directly determined from FLL_FRATIO, FLL_OUTDIV and the real
number represented by N.K.
The integer value, N, is held in the FLL_N register field, and is used in both Integer and Fractional
Modes. The fractional portion, K, is only valid in Fractional Mode when enabled by the field
FLL_FRAC. The value of K is determined by the ratio FLL_THETA / FLL_LAMBDA.
It is recommended that FLL Fractional mode is enabled at all times (FLL_FRAC = 1). Power
consumption in the FLL is reduced in integer mode (FLL_FRAC = 0). However, the performance may
also be reduced, with increased noise or jitter on the output.
The FLL output frequency is generated according to the following equation:
FOUT = (FVCO / FLL_OUTDIV)
The FLL operating frequency, FVCO is set according to the following equation:
FVCO = (FREF x N.K x FLL_FRATIO)
FREF is the input frequency, as determined by FLL_REFCLK_DIV.
FVCO must be in the range 90-100 MHz. Frequencies outside this range cannot be supported.
Note that the output frequencies that do not lie within the ranges quoted above cannot be guaranteed
across the full range of device operating temperatures.
In order to follow the above requirements for FVCO, the value of FLL_OUTDIV should be selected
according to the desired output FOUT. The FLL_OUTDIV register must be set so that FVCO is in the
range 90-100MHz. The available ratios are integers from 2 to 64. Some typical settings of
FLL_OUTDIV are noted in Table 110.
OUTPUT FREQUENCY FOUT
FLL_OUTDIV
1.875 MHz - 2.0833 MHz
101111 (FOUT clock ratio = 48)
2.8125 MHz - 3.125 MHz
011111 (FOUT clock ratio = 32)
3.75 MHz - 4.1667 MHz
010111 (FOUT clock ratio = 24)
5.625 MHz - 6.25 MHz
001111 (FOUT clock ratio = 16)
11.25 MHz - 12.5 MHz
000111 (FOUT clock ratio = 8)
18 MHz - 20 MHz
000100 (FOUT clock ratio = 5)
22.5 MHz - 25 MHz
000011 (FOUT clock ratio = 4)
40 MHz - 50 MHz
000001 (FOUT clock ratio = 2)
Table 110 Selection of FLL_OUTDIV
The value of FLL_FRATIO should be selected as described in Table 111.
REFERENCE FREQUENCY FREF
FLL_FRATIO
1MHz - 13.5MHz
0h (FVCO clock ratio = 1)
256kHz - 1MHz
1h (FVCO clock ratio = 2)
128kHz - 256kHz
2h (FVCO clock ratio = 4)
64kHz - 128kHz
3h (FVCO clock ratio = 8)
Less than 64kHz
4h (FVCO clock ratio = 16)
Table 111 Selection of FLL_FRATIO
In order to determine the remaining FLL parameters, the FLL operating frequency, FVCO, must be
calculated, as given by the following equation:
FVCO = (FOUT x FLL_OUTDIV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com