Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 166 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 166 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 162Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 163Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 164Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 165Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 166Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 167Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 168Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 169Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 170Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 295 page
background image
WM8962
166
Rev 4.3
The value of N.K can then be determined as follows:
N.K = FVCO / (FLL_FRATIO x FREF)
Note that, in the above equations:
FLL_OUTDIV is the FOUT clock ratio (2…64).
FREF is the input frequency, after division by FLL_REFCLK_DIV, where applicable.
FLL_FRATIO is the FVCO clock ratio (1, 2, 4, 8 or 16).
The value of N is held in the FLL_N register field.
The value of K is determined by the ratio FLL_THETA / FLL_LAMBDA.
The FLL_N, FLL_THETA and FLL_LAMBDA fields are all coded as integers (LSB = 1).
Note that FLL_LAMBDA must be set to a non-zero value in Integer and Fractional modes.
In Fractional Mode (FLL_FRAC = 1), the register fields FLL_THETA and FLL_LAMBDA can be
calculated as follows:
Calculate GCD(FLL) using the greatest common denominator function:
GCD(FLL) = GCD(FLL_FRATIO x FREF, FVCO)
where GCD(x, y) is the greatest common denominator of x and y
Next, calculate FLL_THETA and FLL_LAMBDA using the following equations:
FLL_THETA = (FVCO - (FLL_N x FLL_FRATIO x FREF)) / GCD(FLL)
FLL_LAMBDA = (FLL_FRATIO x FREF) / GCD(FLL)
Note that, in Fractional Mode, the values of FLL_THETA and FLL_LAMBDA must be co-prime (ie. not
divisible by any common integer). The calculation above ensures that the values will be co-prime.
The value of K must be a fraction less than 1 (ie. FLL_THETA must be less than FLL_LAMBDA).
For best performance, a non-integer value of N.K must be used. If necessary, it is recommended to
adjust FLLn_OUTDIV in order to obtain a non-integer value of N.K. Care must always be taken to
ensure that the FLL operating frequency, FVCO, is within its recommended limits of 90-100 MHz.
The FLL control registers are described in Table 112. An example FLL calculation is shown on the
following page.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R155 (9Bh)
FLL Control
(1)
3
1
Reserved - Do not change
2
FLL_FRAC
1
FLL Fractional Mode enable
0 = Integer Mode
1 = Fractional Mode
Fractional Mode (FLL_FRAC=1) is
recommended in all cases
0
FLL_ENA
0
FLL Enable
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com