Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 167 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 167 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 163Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 164Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 165Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 166Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 167Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 168Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 169Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 170Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 171Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 295 page
background image
WM8962
Rev 4.3
167
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R156 (9Ch)
FLL Control
(2)
8:3
FLL_OUTDIV
[5:0]
000111
FLL FOUT clock ratio
000000 = Reserved
000001 = 2
000010 = 3
000011 = 4
000100 = 5
000101 = 6
…
111110 = 63
111111 = 64
(FOUT = FVCO / FLL_OUTDIV)
1:0
FLL_REFCLK_D
IV [1:0]
01
FLL Clock Reference Divider
00 = MCLK / 1
01 = MCLK / 2
10 = MCLK / 4
11 = Reserved
MCLK (or other input reference) must be
divided down to <=13.5MHz.
For lower power operation, the reference
clock can be divided down further if
desired.
R157 (9Dh)
FLL Control
(3)
8:4
11000
Reserved - Do not change
2:0
FLL_FRATIO
[2:0]
000
FLL FVCO clock ratio
000 = 1
001 = 2
010 = 4
011 = 8
1XX = 16
000 recommended for FREF > 1MHz
011 recommended for FREF < 64kHz
R158 (9Eh)
FLL Control
(4)
3:0
0000
Reserved - Do not change
R160 (A0h)
FLL Control
(6)
15:0
FLL_THETA
[15:0]
0018h
FLL Fractional multiply for FREF.
Only valid when FLL_FRAC = 1.
This field sets the numerator (multiply)
part of the FLL_THETA / FLL_LAMBDA
ratio. It is coded as LSB = 1.
R161 (A1h)
FLL Control
(7)
15:0
FLL_LAMBDA
[15:0]
007Dh
FLL Fractional multiply for FREF.
Only valid when FLL_FRAC = 1.
This field sets the denominator (dividing)
part of the FLL_THETA / FLL_LAMBDA
ratio. It is coded as LSB = 1.
Note that it is required that
FLL_LAMBDA > 0 in all cases (Integer
and Fractional modes).
R162 (A2h)
FLL Control
(8)
9:0
FLL_N [9:0]
008h
FLL Integer multiply for FREF
(LSB = 1)
Table 112 FLL Register Controls



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com