Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 171 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 171 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 167Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 168Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 169Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 170Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 171Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 172Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 173Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 174Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 175Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 295 page
background image
WM8962
Rev 4.3
171
For each PLL, the integer value, N, is held in the PLLn_N register fields, and is used in both Integer
and Fractional Modes. The fractional portion, K, is only valid in Fractional Mode when enabled by the
field PLLn_FRAC. The value of K is held in the PLLn_K register fields.
It is recommended that PLL Fractional mode is enabled at all times (PLLn_FRAC = 1). Power
consumption in the PLL is reduced in integer mode (PLLn_FRAC = 0). However, the performance
may also be reduced, with increased noise or jitter on the output.
The FLL output frequency is generated according to the following equation:
FOUT = FVCO / (2 x PLLn_OUTDIV)
The PLL operating frequency, FVCO , is set according to the following equation:
FVCO = (FREF x N.K / 2)
FREF is the input frequency (typically 24MHz on the WM8962).
FVCO must be in the range 90-100 MHz. Note that frequencies that do not lie within this range cannot
be guaranteed across the full range of device operating temperatures.
The value of the PLLn_OUTDIV registers must be set depending on the required output frequency,
ensuring that the respective FVCO frequency is within the recommended operating limits. The
supported configurations are noted in Table 116.
Note that the CLKOUTn output frequencies can also be controlled by the CLKOUTn_DIV registers, as
defined in Table 109; these dividers extend the range of clock frequencies that can be output on the
CLKOUT pins.
Note that, when PLL3 is selected as the SYSCLK source, the frequency can also be controlled by the
PLL_SYSCLK_DIV register, as described in Table 98; this divider provides flexibility in generating the
necessary internal and external clock frequencies.
OUTPUT FREQUENCY FOUT
PLLn_OUTDIV (PLL2, 3, 4)
45 MHz - 50 MHz
PLLn_OUTDIV = 1 (divide by 2)
22.5 MHz - 25 MHz
PLLn_OUTDIV = 2 (divide by 4)
Table 116 Selection of PLLn_OUTDIV
In order to determine the remaining PLL parameters, the PLL operating frequency, FVCO, must be
calculated, as given by the following equation:
FVCO = (FOUT x 2 x PLLn_OUTDIV)
The PLL frequency ratio N.K can then be determined as follows:
N.K = FVCO x 2 / FREF
The PLL frequency ratio N.K is the real number represented by the register fields PLLn_N and
PLLn_K (where n is 2 or 3, depending on the applicable PLL). The field PLLn_N is an integer (LSB =
1); PLLn_K is the fractional portion of the number (MSB = 0.5). The fractional portion is only valid in
Fractional Mode, when enabled by the field PLLn_FRAC.
If N.K is an integer (PLL_K = 0), then PLL integer mode should be selected, ie. PLLn_FRAC = 0.
Power consumption in the PLL is reduced in integer mode.
In N.K is not an integer (PLL_K > 0), the PLL fractional mode must be selected, ie. PLLn_FRAC = 1.
For PLL stability, input frequencies and divisions must be chosen so that 5
 N  13. Best
performance is achieved for 7
 N 9. Also, the PLL performs best when F
VCO is set between 90MHz
and 100MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com