Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 175 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 175 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 171Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 172Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 173Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 174Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 175Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 176Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 177Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 178Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 179Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 295 page
background image
WM8962
Rev 4.3
175
GENERAL PURPOSE INPUT/OUTPUT (GPIO)
The WM8962 provides four multi-function pins which can be configured to provide a number of
different functions. There are two digital output pins on the DBVDD power domain. PLLVDD must also
be present for correct functionality. The GPIO pins are:
CLKOUT2/GPIO2
CLKOUT3/GPIO3
There are two digital input/output pins on the DBVDD power domain. DCVDD must also be present for
correct functionality. The GPIO pins are:
GPIO5
CS
¯¯ / GPIO6
Note that, under default conditions, the GPIO5 pin is used as an input to the clocking control
functions. The affected registers are described in the “Clocking and Sample Rates” and “Internal /
External Clock Generation
” sections. It is important that this input is held in a defined logic state (logic
‘0’ or logic ‘1’) during start-up; it must not be left floating. Normal GPIO5 functionality can be enabled
after start-up, as described below.
If GPIO functionality is required on the GPIO5 pin, then the CLKREG_OVD bit must be set to ‘1’ in
order to select normal read/write control of all the clocking registers, and to permit GPIO functions.
If the CLKREG_OVD bit is set to ‘0’ (default), then the GPIO5 control register (R516) must not be
changed from the default value.
The GPIO5 pin must be held in a defined logic state (logic ‘0’ or logic
‘1’) whenever the pin is configured as an input, including whenever CLKREG_OVD = 0.
Under default conditions, the GPIO2 pin is configured as the CLKOUT2 function, supporting the PLL2
output. For GPIO2 functionality, set CLKREG_OVD=1, CLKOUT2_SEL=01, CLKOUT2_DIV=0 and
CLKOUT2_OE=1. The CLKREG_OVD register must be set to 1 before writing to the other registers.
Under default conditions, the GPIO3 pin is configured as the CLKOUT3 function, supporting the FLL
output. For GPIO3 functionality, set CLKREG_OVD=1, CLKOUT3_SEL=01, CLKOUT3_DIV=0 and
CLKOUT3_OE=1. The CLKREG_OVD register must be set to 1 before writing to the other registers.
See “Internal / External Clock Generation” for details of the CLKOUTn_SEL, CLKOUTn_DIV and
CLKOUTn_OE registers. The CLKREG_OVD register is defined in Table 99
(see “Clocking and
Sample Rates
”).
For pins GPIO5 and GPIO6, the pin direction, set by GPn_DIR, must be set according to the function
selected by GP5_FN or GP6_FN.
The characteristics of pins GPIO5 or GPIO6, if selected as an output, may be controlled by setting
GPn_OP_CFG - an output pin may be either CMOS or Open-Drain. When a pin is configured as a
GPIO output, its level can be set to logic 0 or logic 1 using the GPn_LVL field.
GPIO5 and GPIO6 pins can be configured as GPIO inputs can be used to trigger an Interrupt event.
This input may be configured as active high or active low using the IRQ_POL field. De-bouncing of
this input may be enabled using the GPn_DB field. Internal pull-up and pull-down resistors may be
enabled using the GPn_PU and GPn_PD fields. (Note that if GPn_PU and GPn_PD are both set for
any GPIO pin, then the pull-up and pull-down will be disabled.)
The register fields that control the GPIO pins are described in Table 119.
For each GPIO pin, the selected function is determined by the GPn
_FN field, where ‘n’ identifies the
GPIO pin (2, 3, 5 or 6). The polarity of the GPIO outputs can be selected using the GPn_POL register
bits.
When a pin is configured as a Logic Level output (GPn_DIR = 0, GPn_FN = 01h), its level can be set
to logic 0 or logic 1 using the GPn_LVL field.
When the GPIO5 or GPIO6 pin is configured as a Logic Level input (GPn_DIR = 1, GPn_FN = 01h),
its level can be read using the GPn_LVL field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com