Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 178 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 178 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 174Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 175Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 176Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 177Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 178Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 179Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 180Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 181Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 182Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 295 page
background image
WM8962
178
Rev 4.3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6
GP5_LVL
0
GPIO 5 Level
(when GP5_FN = 00001)
0 = Logic 0
1 = Logic 1
Write to this bit to set the GPIO5
output. Read from this bit to read GPIO
input level.
Note that, when GPIO5 is configured
as an output (GP5_DIR=0), this is a
Write-Only register; the Readback
value is undefined.
4:0
GP5_FN[4:0]
0_0000
GPIO5 Pin Function select
0_0000 = Unused
0_0001 = Logic 0 or Logic 1
(depending on GP5_LVL)
0_0010 = SDOUT
0_0011 = IRQ
0_0100 = Temperature shutdown
0_0101 = Reserved
0_0110 = PLL2 Lock
0_0111 = PLL3 Lock
0_1000 = Reserved
0_1001 = FLL Lock
0_1010 = DRC Activity detect
0_1011 = Write Sequencer done
0_1100 = ALC Noise Gate active
0_1101 = ALC Peak Limiter overload
0_1110 = ALC Saturation
0_1111 = ALC level threshold
1_0000 = ALC Level lock
1_0001 = FIFO error indicator
1_0010 = OPCLK
1_0011 = Digital Microphone Clock
Output
1_0100 = Digital Microphone Data
Input
1_0100 = Reserved
1_0101 = Mic Detect flag
1_0110 = Mic Short Circuit flag
1_0111 to 1_1111 = Reserved
Note that GPIO5 functions are only
supported when CLKREG_OVD=1.
When CLKREG_OVD=0, the contents
of Register R516 must not be changed
from the default value.
R517 (0205h)
GPIO 6
15
GP6_DIR
1
GPIO6 Direction
0 = Output
1 = Input
14
GP6_PU
0
GPIO6 pull-up resistor enable
0 = pull-up disabled
1 = pull-up enabled
13
GP6_PD
0
GPIO6 pull-down resistor enable
0 = pull-up disabled
1 = pull-down enabled
10
GP6_POL
0
GPIO6 Polarity
0 = Not inverted
1 = Inverted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com