Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 180 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 180 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 176Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 177Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 178Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 179Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 180Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 181Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 182Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 183Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 184Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 295 page
background image
WM8962
180
Rev 4.3
Interrupt Status fields remain valid, even when masked, but the masked bits will not cause the
Interrupt Output to be asserted.
The Interrupt Output represents the logical ‘OR’ of all the unmasked IRQ inputs, as illustrated in
Figure 62. The bits within the Interrupt Status register (R560 and R561) are latching fields and, once
they are set, they are not reset until
a ‘1’ is written to the respective register bit in the Interrupt Status
registers. The Interrupt (IRQ) output is not reset until each of the unmasked IRQ inputs has been
reset. Note that, if the condition that caused the IRQ input to be asserted is still valid, then the
Interrupt Output will remain set even after the Status register has been written to.
The PLLn_LOCK_EINT, FLL_LOCK_EINT and TEMP_SHUT_EINT inputs to the Interrupt Controller
can be de-bounced to avoid false detections. The timeout clock (TOCLK) is required for this function.
The de-bounce is enabled on these inputs using the bits in Register R584. The de-bounce clock is
enabled automatically whenever interrupt de-bouncing is selected. The de-bounce clock frequency is
controlled by DBCLK_DIV as described in
“Clocking and Sample Rates”.
By default, the Interrupt Output is Active High. The polarity can be inverted using IRQ_POL.
The WM8962 Interrupt Controller circuit is illustrated in Figure 54. The associated control fields are
described in Table 120.
IM_ALC_SAT_EINT
IM_ALC_PKOVR_EINT
IM_ALC_NGATE_EINT
INTERRUPT
(IRQ)
IM_WSEQ_DONE_EINT
IM_DRC_ACTDET_EINT
IM_PLL3_LOCK_EINT
ALC_NGATE_IRQ
WSEQ_IRQ
DRC_ACTDET_IRQ
PLL3_LOCK_IRQ
IRQ_POL
IM_FIFOS_ERR_EINT
IM_ALC_LOCK_EINT
IM_ALC_THRESH_EINT
IM_PLL2_LOCK_EINT
IM_FLL_LOCK_EINT
IM_TEMP_SHUT_EINT
FIFOS_ERR_EINT
ALC_LOCK_EINT
ALC_THRESH_EINT
ALC_SAT_EINT
ALC_PKOVR_EINT
ALC_NGATE_EINT
WSEQ_DONE_EINT
DRC_ACTDET_EINT
PLL3_LOCK_EINT
PLL2_LOCK_EINT
FLL_LOCK_EINT
TEMP_SHUT_EINT
Status
Register
Latches
Read only;
cleared on
register
Write ‘1’
PLL2_LOCK_IRQ
FLL_LOCK_IRQ
TEMP_SHUT_IRQ
FIFOS_ERR_IRQ
ALC_LOCK_IRQ
ALC_THRESH_IRQ
ALC_SAT_IRQ
ALC_PKOVR_IRQ
IM_GP6_EINT
IM_GP5_EINT
GP6_EINT
GP5_EINT
GP6_IRQ
GP5_IRQ
IM_MICSCD_EINT
MICSCD_EINT
MICSCD_IRQ
IM_MICD_EINT
MICD_EINT
MICD_IRQ
Figure 62 Interrupt Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com