Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 183 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 183 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 179Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 180Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 181Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 182Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 183Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 184Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 185Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 186Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 187Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 295 page
background image
WM8962
Rev 4.3
183
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3
IM_PLL3_LOCK
_EINT
1
Interrupt mask for PLL3 Lock
0 = Not masked
1 = Masked
2
IM_PLL2_LOCK
_EINT
1
Interrupt mask for PLL2 Lock
0 = Not masked
1 = Masked
0
IM_TEMP_SHU
T_EINT
1
Interrupt mask for Temperature
Shutdown
0 = Not masked
1 = Masked
R576 (0240h)
Interrupt
Control
0
IRQ_POL
0
Interrupt Output polarity
0 = Active high
1 = Active low
R584 (0248h)
IRQ
Debounce
5
FLL_LOCK_DB
1
Debounce Enable on FLL Lock
0 = Disabled
1 = Enabled
3
PLL3_LOCK_DB
1
Debounce Enable on PLL3 Lock
0 = Disabled
1 = Enabled
2
PLL2_LOCK_DB
1
Debounce Enable on PLL2 Lock
0 = Disabled
1 = Enabled
0
TEMP_SHUT_D
B
1
Debounce Enable on Temperature
Shutdown
0 = Disabled
1 = Enabled
R586 (024Ah)
MICINT
Source Pol
15
MICSCD_IRQ_P
OL
0
Mic Short Circuit Interrupt Polarity
0 = Active high (IRQ asserted when
MICSHORT_THR is exceeded)
1 = Active low (IRQ asserted when
MICSHORT_THR not exceeded)
14
MICD_IRQ_POL
0
Mic Detect Interrupt Polarity
0 = Active high (IRQ asserted when
MICDET_THR is exceeded)
1 = Active low (IRQ asserted when
MICDET_THR not exceeded)
Table 120 Interrupt Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com