Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 182 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 182 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 178Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 179Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 180Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 181Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 182Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 183Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 184Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 185Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 186Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 295 page
background image
WM8962
182
Rev 4.3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3
PLL3_LOCK_EI
NT
0
PLL3 Lock IRQ status
0 = PLL3 Lock IRQ not set
1 = PLL3 Lock IRQ set
Note: cleared when a ‘1’ is written
2
PLL2_LOCK_EI
NT
0
PLL2 Lock IRQ status
0 = PLL2 Lock IRQ not set
1 = PLL2 Lock IRQ set
Not
e: cleared when a ‘1’ is written
0
TEMP_SHUT_EI
NT
0
Temperature Shutdown IRQ status
0 = Temperature Shutdown IRQ not
set
1 = Temperature Shutdown IRQ set
Note: cleared when a ‘1’ is written
R568 (0238h)
Interrupt
Status 1 Mask
5
IM_GP6_EINT
1
Interrupt mask for GPIO6
0 = Not masked
1 = Masked
4
IM_GP5_EINT
1
Interrupt mask for GPIO5
0 = Not masked
1 = Masked
R569 (0239h)
Interrupt
Status 2 Mask
15
IM_MICSCD_EI
NT
0
Interrupt mask for Mic Short Circuit
0 = Not masked
1 = Masked
14
IM_MICD_EINT
0
Interrupt mask for Mic Detect
0 = Not masked
1 = Masked
13
IM_FIFOS_ERR
_EINT
1
Interrupt mask for FIFOS Error
0 = Not masked
1 = Masked
12
IM_ALC_LOCK_
EINT
1
Interrupt mask for ALC Lock
0 = Not masked
1 = Masked
11
IM_ALC_THRES
H_EINT
1
Interrupt mask for ALC Threshold
0 = Not masked
1 = Masked
10
IM_ALC_SAT_EI
NT
1
Interrupt mask for ALC Saturation
0 = Not masked
1 = Masked
9
IM_ALC_PKOV
R_EINT
1
Interrupt mask for ALC Peak
Detector overload
0 = Not masked
1 = Masked
8
IM_ALC_NGATE
_EINT
1
Interrupt mask for ALC Noise Gate
active
0 = Not masked
1 = Masked
7
IM_WSEQ_DON
E_EINT
1
Interrupt mask for Write Sequencer
done
0 = Not masked
1 = Masked
6
IM_DRC_ACTD
ET_EINT
1
Interrupt mask for DRC Activity
detect
0 = Not masked
1 = Masked
5
IM_FLL_LOCK_
EINT
1
Interrupt mask for FLL Lock
0 = Not masked
1 = Masked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com