Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 163 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 163 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 159Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 160Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 161Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 162Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 163Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 164Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 165Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 166Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 167Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 295 page
background image
WM8962
Rev 4.3
163
Each of the CLKOUT pins can be enabled or tri-stated using the CLKOUTn_OE registers. When a pin
is tri-
stated, it does not support either the PLL/FLL output or the GPIO function. See “General Purpose
Input/Output (GPIO)
” for more details of the GPIO functions.
A selectable divider is available on each of the CLKOUT pins. When the CLKOUTn_DIV bit is set,
then the respective Clock output is divided by two. Note that, when the selected function is GPIO, then
the CLKOUTn_DIV bit should be set to 0.
The CLKOUT2_DIV and CLKOUT5_DIV registers are controlled automatically under certain
circumstances, as noted in Table 109. The associated control register, CLKREG_OVD, is defined in
the “Automatic Clocking Configuration” section, (see “Clocking and Sample Rates”).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R124 (7Ch)
Analogue
Clocking1
6:5
CLKOUT2_SEL
[1:0]
00
CLKOUT2 Output Select
00 = PLL2
01 = GPIO2
10 = Internal oscillator
11 = Reserved
4:3
CLKOUT3_SEL
[1:0]
10
CLKOUT3 Output Select
00 = PLL3
01 = GPIO3
10 = FLL
11 = Reserved
If CLKREG_OVD = 0, then
CLKOUT3_SEL = 10 (FLL) and cannot
be changed by the Control Interface.
If CLKREG_OVD = 1, then
CLKOUT3_SEL = 00 (PLL3) by default,
but the value can be changed via the
Control Interface.
0
CLKOUT5_SEL
1
CLKOUT5 Output Select
0 = Internal oscillator
1 = FLL
If CLKREG_OVD = 0, then
CLKOUT5_SEL is controlled by the
GPIO5 pin.
If CLKREG_OVD = 0 and GPIO5 = 0,
then CLKOUT5_SEL = 1 (FLL) and
cannot be changed by the Control
Interface.
If CLKREG_OVD = 0 and GPIO5 = 1,
then CLKOUT5_SEL = 0 (Oscillator) by
default, but the value can be changed
via the Control Interface.
If CLKREG_OVD = 1 then
CLKOUT5_SEL = 0 (Oscillator) by
default, but the value can be changed
via the Control Interface.
R125 (7Dh)
Analogue
Clocking2
2
CLKOUT3_DIV
0
CLKOUT3 Output Divide
0 = Divide by 1
1 = Divide by 2
1
CLKOUT2_DIV
1
CLKOUT2 Output Divide
0 = Divide by 1
1 = Divide by 2
If CLKREG_OVD = 0, then
CLKOUT2_DIV = 1 (Divide by 2) and
cannot be changed by the Control
Interface.
If CLKREG_OVD = 1, then
CLKOUT2_DIV = 0 by default, but the
value can be changed via the Control
Interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com