Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 162 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 162 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 158Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 159Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 160Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 161Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 162Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 163Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 164Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 165Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 166Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 295 page
background image
WM8962
162
Rev 4.3
OSC_TRIM_XTI,
OSC_TRIM_XTO
DESCRIPTION
OSC_TRIM_XTI,
OSC_TRIM_XTO
DESCRIPTION
00000
14.0pF
10000
22.0pF
00001
14.5pF
10001
22.5pF
00010
15.0pF
10010
23.0pF
00011
15.5pF
10011
23.5pF
00100
16.0pF
10100
24.0pF
00101
16.5pF
10101
24.5pF
00110
17.0pF
10110
25.0pF
00111
17.5pF
10111
25.5pF
01000
18.0pF
11000
25.5pF
01001
18.5pF
11001
25.5pF
01010
19.0pF
11010
25.5pF
01011
19.5pF
11011
25.5pF
01100
20.0pF
11100
25.5pF
01101
20.5pF
11101
25.5pF
01110
21.0pF
11110
25.5pF
01111
21.5pF
11111
25.5pF
Table 107 Oscillator Trim Register Readback
XTI_CAP_SEL,
XTO_CAP_SEL
DESCRIPTION
XTI_CAP_SEL,
XTO_CAP_SEL
DESCRIPTION
0000
0.0pF
1000
-4.0pF
0001
+0.5pF
1001
-3.5pF
0010
+1.0pF
1010
-3.0pF
0011
+1.5pF
1011
-2.5pF
0100
+2.0pF
1100
-2.0pF
0101
+2.5pF
1101
-1.5pF
0110
+3.0pF
1110
-1.0pF
0111
+3.5pF
1111
-0.5pF
Table 108 Oscillator Trim Adjustment Settings
CLKOUT CONTROL
The WM8962 provides three CLKOUT pins for FLL / PLL output.
The selected function of each is determined by the CLKOUTn_SEL registers, where n represents the
applicable pin. The available options are indicated in the register descriptions shown in Table 109.
The CLKOUT3_SEL register is controlled automatically under certain circumstances, as noted in
Table 109. The assoc
iated control register, CLKREG_OVD, is defined in the “Automatic Clocking
Configuration
” section, (see “Clocking and Sample Rates”).
The CLKOUT5_SEL register is controlled automatically under certain circumstances, as described
below.
The associated control register, CLKREG_OVD, is defined in the “Automatic Clocking
Configuration
” section, (see “Clocking and Sample Rates”).
When a logic 0 is applied on the GPIO5 pin, the CLKOUT5_SEL register is set 1, selecting the FLL as
the source. In this case, the CLKOUT5_SEL register is locked to prevent accidental writes to this
register. The CLKOUT5_SEL register can be unlocked by setting the CLKREG_OVD bit.
When a logic 1 is applied on the GPIO5 pin, the CLKOUT5_SEL register defaults to 0, selecting the
Oscillator as the source. In this case, the default (0) is selected on the rising edge of GPIO5; other
settings can then be selected by writing to the CLKOUT5_SEL register as normal.
Note that, if GPIO functionality is required on the GPIO5 pin, then the CLKREG_OVD bit must be set
to ‘1’ in order to select normal read/write control of the CLKOUT5_SEL register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com