Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 153 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 153 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 149Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 150Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 151Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 152Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 153Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 154Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 155Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 156Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 157Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 295 page
background image
WM8962
Rev 4.3
153
The WM8962 is designed to support specific internal and external clocking configurations. Under
default conditions, the GPIO5 pin has control over selected clocking registers, and normal read/write
access to some registers is not supported. When the CLKREG_OVD register is set to 1, the affected
clocking registers are controlled as normal via the Control Interface. The registers that are affected by
CLKREG_OVD are noted in Table 99.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6 (06h)
ADC & DAC
Control 2
0
DAC_HP
0
DAC Oversampling Ratio
0 = Low Power (typically 64 x fs)
1 = High Performance (typically 128 x fs)
R8 (08h)
Clocking2
11
CLKREG_OVD
0
Clock Configuration Override
0 = MCLK_SRC, OSC_ENA and
CLKOUT5_SEL registers are controlled
by the GPIO5 pin; PLL2_ENA,
PLL3_ENA, CLKOUT2_DIV,
CLKOUT5_DIV and CLKOUT3_SEL
registers are locked to fixed values.
1 = Clocking registers are controlled as
normal via Control Interface.
This bit must be set to 1 to support GPIO
functionality on GPIO5.
R23 (17h)
Additional
Control (1)
5
ADC_HP
0
ADC Oversampling Ratio
0 = Low Power (typically 64 x fs)
1 = High Performance (typically 128 x fs)
R27 (1Bh)
Additional
Control (3)
4
SAMPLE_RATE
_INT_MODE
1
Selects the Integer or Fractional value of
the SAMPLE_RATE register.
0 = 11.025k, 22.05k, 44.1k or 88.2kHz
1 = 8k, 12k, 16k, 24k, 32k, 48k or 96kHz
2:0
SAMPLE_RATE
[2:0]
000
Selects the Sample Rate (fs)
000 = 44.1kHz, 48kHz
001 = 32kHz
010 = 22.05kHz, 24kHz
011 = 16kHz
100 = 11.025kHz, 12kHz
101 = 8kHz
110 = 88.2kHz, 96kHz
111 = Reserved
R56 (38h)
Clocking 4
4:1
MCLK_RATE
[3:0]
0011
Selects the MCLK / fs ratio.
(Note that the MCLK source is selected
by MCLK_SRC.)
0000 = 64
0001 = 128
0010 = 192
0011 = 256 (default)
0100 = 384
0101 = 512
0110 = 768
0111 = 1024
1000 = Reserved
1001 = 1536
1010 = 3072
1011 = 6144
If ADC ReTune, DAC ReTune, DAC
HPF, VSS or HD Bass is enabled, then
MCLK_RATE must be 512 or higher.
Table 99 Automatic Clocking Configuration Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com