Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 152 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 152 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 148Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 149Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 150Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 151Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 152Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 153Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 154Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 155Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 156Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 295 page
background image
WM8962
152
Rev 4.3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4 (04h)
Clocking1
2:1
SYSCLK_DIV
00
SYSCLK Divider
00 = MCLK
01 = MCLK / 2
10 = MCLK / 4
11 = Reserved
This field is for read-back only; it is set
automatically and cannot be adjusted.
Note that the division is applied to the
selected MCLK source, including FLL /
PLL when applicable.
R8 (08h)
Clocking2
10:9
MCLK_SRC
00
MCLK source select
00 = MCLK pin
01 = FLL output
10 = PLL3 output
11 = Reserved
If CLKREG_OVD = 0, then MCLK_SRC
is controlled by the GPIO5 pin.
If CLKREG_OVD = 0 and GPIO5 = 1,
then MCLK_SRC = 01 (FLL) and
MCLK_SRC cannot be changed by the
Control Interface.
If CLKREG_OVD = 0 and GPIO5 = 0,
then MCLK_SRC = 00 (MCLK) by
default, but the value can be changed
via the Control Interface.
If CLKREG_OVD = 1 then MCLK_SRC
= 00 (MCLK) by default, but the value
can be changed via the Control
Interface.
5
SYSCLK_ENA
1
SYSCLK enable
0 = Disabled
1 = Enabled
R125 (7Dh)
Analogue
Clocking2
4:3
PLL_SYSCLK_
DIV
01
PLL3 to SYSCLK divider
00 = PLL3 / 1
01 = PLL3 / 2
10 = PLL3 / 4
11 = Reserved
Table 98 MCLK and SYSCLK Control
AUTOMATIC CLOCKING CONFIGURATION
The WM8962 supports a wide range of standard audio sample rates from 8kHz to 96kHz. The
Automatic Clocking Configuration mode simplifies the configuration of the clock dividers in the
WM8962 by deriving most of the necessary parameters from a minimum number of user registers.
In Automatic mode, the SAMPLE_RATE field selects the sample rate, fs, of the ADC and DAC. The
SAMPLE_RATE_INT_MODE bit should be set according to the selected SAMPLE_RATE, as
described in Table 99. Note that, in Automatic mode, the same sample rate always applies to the ADC
and DAC.
In Automatic mode, the MCLK_RATE field must be set according to the ratio of MCLK to fs. (Note that
the MCLK source is selected by MCLK_SRC - see Table 98.)
Selectable modes of ADC / DAC operation are available using the ADC_HP and DAC_HP register
bits. The automatic clocking configuration uses these bits to determine the applicable clock divider
settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com