Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 141 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 141 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 137Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 138Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 139Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 140Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 141Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 142Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 143Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 144Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 145Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 295 page
background image
WM8962
Rev 4.3
141
n
n-1
n-2
3
2
1
n
n-1
n-2
3
2
1
LEFT CHANNEL
RIGHT CHANNEL
MSB
LSB
Input Word Length (WL)
1/fs
LRCLK
BCLK
DACDAT/
ADCDAT
Figure 44 Left Justified Audio Interface (assuming n-bit word length)
In I2S mode, the MSB is available on the second rising edge of BCLK following a LRCLK transition.
The other bits up to the LSB are then transmitted in order. Depending on word length, BCLK
frequency and sample rate, there may be unused BCLK cycles between the LSB of one sample and
the MSB of the next.
n
n-1
n-2
3
2
1
n
n-1
n-2
3
2
1
LEFT CHANNEL
RIGHT CHANNEL
MSB
LSB
Input Word Length (WL)
1/fs
LRCLK
BCLK
DACDAT/
ADCDAT
1 BCLK
1 BCLK
Figure 45 I2S Justified Audio Interface (assuming n-bit word length)
In DSP mode, the left channel MSB is available on either the 1st (mode B) or 2nd (mode A) rising edge
of BCLK (selectable by LRCLK_INV) following a rising edge of LRCLK. Right channel data
immediately follows left channel data. Depending on word length, BCLK frequency and sample rate,
there may be unused BCLK cycles between the LSB of the right channel data and the next sample.
In device master mode, the LRCLK output will resemble the frame pulse shown in Figure 46 and
Figure 47. In device slave mode, Figure 48 and Figure 49, it is possible to use any length of frame
pulse less than 1/fs, providing the falling edge of the frame pulse occurs greater than one BCLK
period before the rising edge of the next frame pulse.
n
n-1
n-2
3
2
1
n
n-1
n-2
3
2
1
LEFT CHANNEL
RIGHT CHANNEL
MSB
LSB
Input Word Length (WL)
1/fs
LRCLK
BCLK
DACDAT/
ADCDAT
1 BCLK
1/2fs
Figure 46 DSP Mode Audio Interface (mode A, LRCLK_INV=0, Master)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com