Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 140 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 140 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 136Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 137Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 138Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 139Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 140Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 141Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 142Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 143Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 144Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 295 page
background image
WM8962
140
Rev 4.3
WM8962
Processor
WM8962 or
Similar
CODEC
ADCDAT
LRCLK
DACDAT
BCLK
ADCDAT
LRCLK
DACDAT
BCLK
Figure 42 TDM with Processor as Master
Note: The WM8962 is a 24-bit device. If the user operates the WM8962 in 32-bit mode then the 8
LSBs will be ignored on the receiving side and not driven on the transmitting side. It is therefore
recommended to add a pull-down resistor, if necessary, to the DACDAT line and the ADCDAT line in
TDM mode.
BCLK FREQUENCY
The BCLK frequency is controlled relative to SYSCLK by the BCLK_DIV divider. Internal clock divide
and phase control mechanisms ensure that the BCLK and LRCLK edges will occur in a predictable
and repeatable position relative to each other and relative to the data for a given combination of
DAC/ADC sample rate and BCLK_DIV settings.
BCLK_DIV is defined in the “Digital Audio Interface Control” section. See also “Clocking and Sample
Rates
” section for more information.
AUDIO DATA FORMATS (NORMAL MODE)
In Right Justified mode, the LSB is available on the last rising edge of BCLK before a LRCLK
transition. All other bits are transmitted before (MSB first). Depending on word length, BCLK
frequency and sample rate, there may be unused BCLK cycles after each LRCLK transition.
n
n-1
n-2
3
2
1
n
n-1
n-2
3
2
1
LEFT CHANNEL
RIGHT CHANNEL
MSB
LSB
Input Word Length (WL)
1/fs
LRCLK
BCLK
DACDAT/
ADCDAT
Figure 43 Right Justified Audio Interface (assuming n-bit word length)
In Left Justified mode, the MSB is available on the first rising edge of BCLK following a LRCLK
transition. The other bits up to the LSB are then transmitted in order. Depending on word length,
BCLK frequency and sample rate, there may be unused BCLK cycles before each LRCLK transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com