Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 136 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 136 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 132Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 133Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 134Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 135Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 136Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 137Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 138Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 139Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 140Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 295 page
background image
WM8962
136
Rev 4.3
REFERENCE VOLTAGES AND BIAS CONTROL
This section describes the analogue reference voltage and bias current controls. It also describes the
VMID soft-start circuit for pop suppressed start-up and shut-down. Note that, under the recommended
usage conditions of the WM8962, these features will be configured by running the default Start-Up
and Shut-
Down sequences as described in the “Control Write Sequencer” section. In these cases, the
user does not need to set these register fields directly.
ANALOGUE REFERENCE AND MASTER BIAS
The analogue circuits in the WM8962 require a mid-rail analogue reference voltage, VMID. This
reference is generated from AVDD via a programmable resistor chain. The VMID reference generator
requires a bias current, which is enabled by STARTUP_BIAS_ENA. Together with the external VMID
decoupling capacitor, the programmable VMID resistor chain results in a slow, normal or fast charging
characteristic on VMID. This is controlled by the VMID_SEL register, and can be used to optimise the
reference for normal operation, low power standby or for fast start-up as described in Table 84. For
normal operation, the VMID_SEL field should be set to 01.
A soft-start circuit is provided in order to control the switch-on of the VMID reference; this is enabled
by setting VMID_RAMP. When the soft-start circuit is enabled prior to enabling VMID_SEL, the VMID
reference rises smoothly, without any step change that could otherwise occur.
The analogue circuits in the WM8962 require a bias current. The normal bias current is enabled by
setting BIAS_ENA. Note that the normal bias current source requires VMID to be enabled also.
The analogue inputs to the WM8962 are biased to VMID in normal operation. In order to avoid audible
pops caused by a disabled signal path dropping to AGND, the WM8962 can maintain these
connections at VMID when the relevant input stage is disabled. This is achieved by connecting a
buffered VMID reference to the input or output. The buffered VMID reference is enabled by setting
VMID_BUF_ENA.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R25 (19h)
Pwr Mgmt
(1)
8:7
VMID_SEL
[1:0]
00
VMID Divider Enable and Select
00 = VMID disabled (for OFF mode)
01 = 2 x 50k divider (for normal operation)
10 = 2 x 250k divider (for low power standby)
11 = 2 x 5k divider (for fast start-up)
6
BIAS_ENA
0
Enables the Normal bias current generator (for
all analogue functions)
0 = Disabled
1 = Enabled
R28 (1Ch)
Anti-pop
4
STARTUP_B
IAS_ENA
0
Enables the Start-Up bias current generator
0 = Disabled
1 = Enabled
3
VMID_BUF_
ENA
0
VMID Buffer Enable
0 = Disabled
1 = Enabled
2
VMID_RAMP
0
Enables VMID soft ramp-up
0 = Disabled
1 = Enabled
Table 84 Reference Voltages and Master Bias Enable
INPUT SIGNAL PATH BIAS CONTROL SETTINGS
All the analogue circuits of the WM8962 require a bias current. The bias current in the input signal
path circuits can be controlled using the register bits described in Table 85.
When adjusting the bias settings, there is always a trade-off between performance and power.
Selecting a lower bias can be used to reduce power consumption, but may have a marginal impact on
audio performance in some usage modes. Selecting a higher bias offers a performance improvement,
but also an increase in power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com