Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 133 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 133 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 129Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 130Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 131Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 132Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 133Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 134Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 135Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 136Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 137Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 295 page
background image
WM8962
Rev 4.3
133
DC SERVO
The WM8962 provides four DC servo circuits - two on the headphone outputs HPOUTL and
HPOUTR, and two on the analogue input paths INL and INR. The DC servo circuits remove offset
from these signal paths.
Removal of DC offset on the headphone outputs is important because any deviation from GND at the
output pin will cause current to flow through the load under quiescent conditions, resulting in
increased power consumption. Additionally, the presence of DC offsets can result in audible pops and
clicks at power up and power down. The DC servo ensures that the DC level on the headphone
outputs is within 1.2mV of GND.
Removal of DC offset on the input paths is important because any deviation from VMID at the ADC
input will prevent correct operation of the zero-cross detection and may also restrict the maximum
analogue input signal level. (Zero-cross detection is available for PGA volume updates, including
when the PGA is controlled by the ALC control.)
The recommended usage of the DC Servo is initialised by running the default Start-Up sequence as
described in the “Control Write Sequencer” section. The default Start-Up sequence executes a series
of DC offset corrections, after which the measured offset correction is maintained on the headphone
output channels.
Updates to the DC Servo correction can also be scheduled using register writes, including during
audio playback. The relevant control fields are described in the following paragraphs and are defined
in Table 82.
DC SERVO ENABLE AND START-UP
The DC Servo circuits are enabled on HPOUTL and HPOUTR by setting HP1L_DCS_ENA and
HP1R_DCS_ENA respectively. Equivalent registers are provided for the analogue input paths INL and
INR. When the DC Servo is enabled, the DC offset correction can be commanded in different ways,
as described below.
Writing a logic 1 to HP1L_DCS_STARTUP initiates a series of DC offset measurements and applies
the necessary correction to the HPOUTL output. On completion, the output will be within 1.2mV of
AGND. This is the DC Servo mode selected by the default Start-Up sequence. Completion of this DC
offset correction is indicated by the DCS_STARTUP_DONE_HP1L, as described in Table 82.
The DC Servo Start-Up function is supported on all four DC Servo channels; individual register control
is provided for each channel. The DC Servo Start-Up can be commanded on multiple channels
simultaneously if required. Typically, this operation takes 24ms per channel.
The DC Servo control fields associated with start-up operation are described in Table 82. For
Headphone output DC offset correction, it is important to note that the DC Servo Start-Up mode
should be commanded as part of a control sequence which includes muting and shorting of the
headphone outputs; a suitable sequence is defined in the default Start-Up sequence
(see “Control
Write Sequencer
”). See also the “Headphone Output Paths” section for the details of the
recommended Headphone Enable/Disable sequence.
Note that, once the DC offset correction has been performed, the measured offset will be maintained
in memory, even when the associated signal path is disabled. This means that, if required, the DC
offset correction can be performed on all channels during start-up, and each channel may then be
disabled or enabled when required, without having to re-schedule the DC offset correction.
The DC Servo circuit uses the Charge Pump power supply. The Charge Pump must be enabled by
setting the CP_ENA register bit and ensuring that a suitable clock (eg. MCLK) is present. If these
conditions are not met, then DC offset correction cannot be performed. S
ee “Charge Pump” and
“Clocking and Sample Rates” for details of the associated controls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com