Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 132 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 132 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 128Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 129Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 130Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 131Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 132Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 133Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 134Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 135Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 136Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 295 page
background image
WM8962
132
Rev 4.3
The Charge Pump is enabled by setting the CP_ENA bit. When enabled, the charge pump adjusts the
output voltages (CPVOUTP and CPVOUTN) as well as the switching frequency in order to optimise
the power consumption according to the operating conditions. This can take two forms, which are
selected using the CP_DYN_PWR register bit.
Register control (CP_DYN_PWR = 0)
Dynamic control (CP_DYN_PWR = 1)
Under Register control, the HPOUTL_VOL and HPOUTR_VOL register settings are used to control
the charge pump mode of operation.
Under Dynamic control, the audio signal level in the DAC is also used to control the charge pump
mode of operation. This is the Wolfson ‘Class W’ mode, which allows the power consumption to be
optimised in real time.
When selecting Register control
(CP_DYN_PWR = 0), a ‘1’ must be written to the HPOUT_VU bit to
complete the mode change. HPOUT_VU is defined in the “Headphone Output Paths” section (Table
80).
Note that, when selecting Dynamic control (CP_DYN_PWR = 1), the Charge Pump mode change is
implemented immediately when CP_DYN_PWR is updated.
When digital sidetone is used (see “Digital Mixing”), it is recommended that the Charge Pump
operates in Register Control mode only (CP_DYN_PWR = 0). This is because the Dynamic Control
mode (Class W) does not measure the sidetone signal level and hence the Charge Pump
configuration cannot be optimised for all signal conditions when digital sidetone is enabled; this could
lead to signal clipping.
When Virtual Surround Sound (VSS), HD Bass or DAC ReTune
is used (see “DAC Signal Path
Enhancements
”), it is recommended that the Charge Pump operates in Register Control mode only
(CP_DYN_PWR = 0). This is because the Dynamic Control mode (Class W) does not measure the
DSP Signal Enhancements level and hence the Charge Pump cannot be optimised for all signal
conditions when VSS, HD Bass or DAC ReTune is enabled; this could lead to signal clipping.
Under the recommended usage conditions of the WM8962, the Charge Pump will be enabled by
running the default headphone Start-
Up sequence as described in the “Control Write Sequencer”
section. (Similarly, it will be disabled by running the Shut-Down sequence.) In these cases, the user
does not need to write to the CP_ENA bit. The Charge Pump operating mode defaults to Register
control; Dynamic control may be selected by setting the CP_DYN_PWR register bit, if appropriate.
The SYSCLK signal must be present for the charge pump to function. The clock division from MCLK
(or the internal oscillator) is handled transparently by the WM8962 without user intervention, as long
as SYSCLK and sample rates are set correctly (see “Clocking and Sample Rates” section). The clock
divider ratio depends on the SAMPLE_RATE[2:0] and MCLK_RATE[3:0] register settings.
The Charge Pump control fields are described in Table 81.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R72 (48h)
Charge Pump
1
0
CP_ENA
0
Enable charge-pump digits
0 = disable
1 = enable
R82 (52h)
Charge Pump
B
0
CP_DYN_PWR
0
Enable dynamic charge pump
power control
0 = Charge pump controlled by
volume register settings (Class G)
1 = Charge pump controlled by real-
time audio level (Class W)
Class W is recommended for lowest
power consumption
When selecting CP_DYN_PWR=0,
a ‘1’ must be written to the
HPOUT_VU bit (Register R2 or R3)
to complete the mode change.
Table 81 Charge Pump Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com