Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 130 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 130 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 126Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 127Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 128Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 129Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 130Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 131Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 132Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 133Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 134Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 295 page
background image
WM8962
130
Rev 4.3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3 (2h)
HPOUTR
volume
8
HPOUT_VU
N/A
Headphone Output PGA Volume and
Mute Update
Writing 1 to this bit will cause the
HPOUTL and HPOUTR volume and
mute settings to be updated
simultaneously.
7
HPOUTR_ZC
0
Right Headphone Output PGA Zero
Cross Enable
0 = Zero cross disabled
1 = Zero cross enabled
6:0
HPOUTR_VOL [6:0]
0
(Mute)
Right Headphone Output PGA
Volume
000_0000 to 010_1111 = Mute
011_0000 to 011_0101 = -68dB
011_0110 = -67dB
…in 1dB steps
111_1001 = 0dB
…
111_1111 = +6dB
(See Table 73 for full volume control
range)
R26 (1A) Pwr
Mgmt (2)
1
HPOUTL_PGA_MUTE
0
HPOUTL_VOL (Left Headphone
Output PGA) Mute
0 = Un-mute
1 = Mute
0
HPOUTR_PGA_MUTE
0
HPOUTR_VOL (Right Headphone
Output PGA) Mute
0 = Un-mute
1 = Mute
R71 (47h)
Analogue HP
2
8:6
HP1L_VOL [2:0]
111
Headphone 1 Left Secondary PGA
volume.
000 = -7dB
001 = -6dB
010 = -5dB
011 = -4dB
100 = -3dB
101 = -2dB
110 = -1dB
111 = 0dB (default)
5:3
HP1R_VOL [2:0]
111
Headphone 1 Right Secondary PGA
volume.
000 = -7dB
001 = -6dB
010 = -5dB
011 = -4dB
100 = -3dB
101 = -2dB
110 = -1dB
111 = 0dB (default)
Table 80 Headphone Output PGA (HPOUTL_VOL, HPOUTR_VOL, HP1L_VOL, HP1R_VOL)
Control
HEADPHONE OUTPUT CONFIGURATIONS
The headphone output driver is capable of driving up to 2
5mW into a 16Ω or 32Ω load such as a
stereo headset or headphones. The outputs are ground-referenced, eliminating any requirement for
AC coupling capacitors. This is achieved by having separate positive and negative supply rails



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com