Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 216 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 216 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 212Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 213Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 214Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 215Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 216Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 217Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 218Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 219Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 220Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 295 page
background image
WM8962
216
Rev 4.3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R17 (11h)
ALC1
10
ALC_INACTIVE
_ENA
0
Select whether the ALC is in Active Mode (that is, ALC is
controlling the PGA gain) or in Monitor Mode (the analogue
controls are disabled). Note that at least one of ALCL_ENA
and ALCR_ENA must also be enabled
0 = ALC is in Active Mode
1 = ALC is in Monitor Mode
9
ALC_LVL_MOD
E
0
Select the range of the ALC target level.
0 = -28.5dBFS to -6dBFS in 1.5dB steps
1 = -22.5dBFS to -1.5dBFS in 1.5dB steps
8
ALCL_ENA
0
Select ALC on the Left channel
0 = Disabled (PGA gain set by INL_VOL)
1 = Enabled
Note that in stereo mode, the left and right PGA volumes,
and left and right boost mixer volumes, must be the same
before setting ALCL_ENA = 1 and ALCR_ENA = 1
7
ALCR_ENA
0
Select ALC on the Right channel
0 = Disabled (PGA gain set by INR_VOL)
1 = Enabled
Note that in stereo mode, the left and right PGA volumes,
and left and right boost mixer volumes, must be the same
before setting ALCL_ENA = 1 and ALCR_ENA = 1
6:4
ALC_MAXGAIN
[2:0]
111
Maximum ALC gain
000 = -18dB
001 = -12dB
010 = -6dB
011 = 0dB
100 = +6dB
101 = +12dB
110 = +18dB
111 = +24dB
3:0
ALC_LVL [3:0]
1011
Set the Target signal level at the ADC input.
Note that the target level is also determined by
ALC_LVL_MODE.
ALC_LVL_MODE = 0
0000 = -28.5dBFS
0001 = -27.0dBFS
…in 1.5dB steps to…
1111 = -6dBFS
ALC_LVL_MODE = 1
0000 = -22.5dBFS
0001 = -21.0dBFS
…in 1.5dB steps to…
1110 = -1.5dBFS
1111 = -1.5dBFS
Register 11h ALC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com