Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 220 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 220 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 216Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 217Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 218Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 219Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 220Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 221Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 222Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 223Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 224Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 295 page
background image
WM8962
220
Rev 4.3
Register 14h Noise Gate
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R21 (15h)
Left ADC
volume
8
ADC_VU
0
ADC Volume Update
Writing a 1 to this bit will cause left and right ADC volume to
be updated simultaneously
7:0
ADCL_VOL [7:0]
1100_0000
Left ADC Digital Volume
00h = mute
01h = -71.625dB
02h = -71.250dB
…0.375dB steps
C0h = 0dB (default)
…
FFh = 23.625dB
Register 15h Left ADC volume
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R22 (16h)
Right ADC
volume
8
ADC_VU
0
ADC Volume Update
Writing a 1 to this bit will cause left and right ADC volume to
be updated simultaneously
7:0
ADCR_VOL
[7:0]
1100_0000
Right ADC Digital Volume
00h = mute
01h = -71.625dB
02h = -71.250dB
…0.375dB steps
C0h = 0dB (default)
…
FFh = 23.625dB
Register 16h Right ADC volume
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R23 (17h)
Additional
control(1)
8
THERR_ACT
1
Speaker and Headphone over temperature shutdown
enable.
0 = Disabled
1 = Enabled
Note that TEMP_ENA_HP or TEMP_ENA_SPK or both
must be enabled for Automatic Shutdown to work
5
ADC_HP
0
ADC Oversampling Ratio
0 = Low Power (typically 64 x fs)
1 = High Performance (typically 128 x fs)
0
TOCLK_ENA
0
TOCLK Enable
0 = Disabled
1 = Enabled
Register 17h Additional control(1)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R24 (18h)
Additional
control(2)
3
AIF_TRI
0
Audio Interface Tristate
0 = Audio interface pins operate normally
1 = ADCDAT is tri-stated; BCLK & LRCLK are set as inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com