Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 219 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 219 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 215Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 216Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 217Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 218Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 219Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 220Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 221Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 222Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 223Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 295 page
background image
WM8962
Rev 4.3
219
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R20 (14h)
Noise Gate
15:12
ALC_NGATE_D
CY [3:0]
0011
Sets the Noise Gate Gain Decay Rate (time taken to ramp
up to the ALC_NGATE_GAIN level), measured in time per
1.5dB step.
If ALC_MODE = 0
0000 = 0.41ms / step
0001 = 0.82ms / step
…doubling with each step to…
1010 = 420ms / step
1011 = 840ms / step
1100 to 1111 = Reserved
If ALC_MODE = 1
0000 = 0.082ms / step
0001 = 0.164ms / step
…doubling with each step to…
1010 = 83.9ms / step
1011 = 168ms / step
1100 to 1111 = Reserved
Note that when 88.2kHz or 96kHz sample rate is selected,
the Noise Gate Gain Decay time is defined as for the
ALC_MODE=0 case above.
11:8
ALC_NGATE_A
TK [3:0]
0010
Sets the Gain Attack Rate (time taken to ramp down to the
ALC_NGATE_GAIN level), measured in time per 1.5dB
step.
If ALC_MODE = 0
0000 = 0.10ms / step
0001 = 0.21ms / step
…doubling with each step to…
1010 = 106ms / step
1011 to 1111 = Reserved
If ALC_MODE = 1
0000 = 0.020ms / step
0001 = 0.041ms / step
…doubling with each step to…
1010 = 21.0ms / step
1011 to 1111 = Reserved
Note that when 88.2kHz or 96kHz sample rate is selected,
the Noise Gain Attack time is defined as for the
ALC_MODE=0 case above.
7:3
ALC_NGATE_T
HR [4:0]
0_0000
Noise Gate Threshold. If the input signal falls below this
level, the Noise Gate function is triggered.
-76.5dB to -30dB in 1.5dB steps.
2:1
ALC_NGATE_M
ODE [1:0]
00
Noise gate mode
00 = Hold PGA gain static when noise gate triggers
01 = Mute ADC output immediately when noise gate
triggers.
10 = Ramp PGA Gain to ADC_NGATE_GAIN level when
Noise Gate triggers.
11 = Reserved
0
ALC_NGATE_E
NA
0
Noise Gate function enable
0 = Disable
1 = Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com