Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 218 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 218 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 214Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 215Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 216Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 217Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 218Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 219Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 220Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 221Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 222Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 295 page
background image
WM8962
218
Rev 4.3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R19 (13h)
ALC3
12:10
ALC_NGATE_G
AIN [2:0]
111
Noise Gate Gain level. This is the PGA gain level used
within the ALC Noise Gate function.
000 = -23.25dB
001 = -18dB
010 = -12dB
011 = -6dB
100 = 0dB
101 = +6dB
110 = +12dB
111 = +18dB
8
ALC_MODE
0
ALC Mode
0 = Normal ALC Mode
1 = Limiter Mode
Note that ALCL_ENA and ALCR_ENA must both be set to
0 before changing ALC_MODE, otherwise unexpected
behaviour may result.
7:4
ALC_DCY [3:0]
0011
Sets the Gain Decay Rate (measured in time per 1.5dB
step).
If ALC_MODE = 0
0000 = 0.41ms / step
0001 = 0.82ms / step
…doubling with each step to…
1010 = 420ms / step
1011 = 840ms / step
1100 to 1111 = Reserved
If ALC_MODE = 1
0000 = 0.082ms / step
0001 = 0.164ms / step
…doubling with each step to…
1010 = 83.9ms / step
1011 = 168ms / step
1100 to 1111 = Reserved
Note that when 88.2kHz or 96kHz sample rate is selected,
the Gain Decay time is defined as for the ALC_MODE=0
case above.
3:0
ALC_ATK [3:0]
0010
Sets the Gain Attack Rate (measured in time per 1.5dB
step).
If ALC_MODE = 0
0000 = 0.104ms / step
0001 = 0.208ms / step
…doubling with each step to…
1010 = 106ms / step
1011 to 1111 = Reserved
If ALC_MODE = 1
0000 = 0.020ms / step
0001 = 0.041ms / step
…doubling with each step to…
1010 = 21.0ms / step
1011 to 1111 = Reserved
Note that when 88.2kHz or 96kHz sample rate is selected,
the Gain Attack time is defined as for the ALC_MODE=0
case above.
Register 13h ALC3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com