Electronic Components Datasheet Search
  English  ▼

X  

LM2598 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # LM2598
Description  SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator, With Features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2598 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM2598 Datasheet HTML 30Page - Texas Instruments LM2598 Datasheet HTML 31Page - Texas Instruments LM2598 Datasheet HTML 32Page - Texas Instruments LM2598 Datasheet HTML 33Page - Texas Instruments LM2598 Datasheet HTML 34Page - Texas Instruments LM2598 Datasheet HTML 35Page - Texas Instruments LM2598 Datasheet HTML 36Page - Texas Instruments LM2598 Datasheet HTML 37Page - Texas Instruments LM2598 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
34
LM2598
SNVS125D – MARCH 1998 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM2598
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
Select a value for R1 with Equation 2 between 240 Ω and 1.5 kΩ. The lower resistor values minimize noise
pickup in the sensitive feedback pin. (For the lowest temperature coefficient and the best stability with time, use
1% metal film resistors.)
(2)
Select R1 with Equation 3 to be 1 kΩ, 1%. Solve for R2.
(3)
R2 = 1k (16.26 – 1) = 15.26k, closest 1% value is 15.4 kΩ.
R2 = 15.4 kΩ.
9.2.2.2.2
Inductor Selection (L1)
1. Calculate the inductor Volt • microsecond constant E • T (V • μs) with Equation 4.
where
•
VSAT = internal switch saturation voltage = 1 V
•
VD = diode forward voltage drop = 0.5 V
(4)
Calculate the inductor Volt • microsecond constant (E • T) with Equation 5.
(5)
2. Use the E • T value from the previous formula and match it with the E • T number on the vertical axis of the
see the inductor selection graphs in Figure 35 through Figure 38.
E • T = 34.8 (V • μs)
3. On the horizontal axis, select the maximum load current.
ILOAD(max) = 1 A
4. Identify the inductance region intersected by the E • T value and the Maximum Load Current value. Each
region is identified by an inductance value and an inductor code (LXX).
From the inductor selection graphs in Figure 35 through Figure 38, the inductance region intersected by the
35 (V • μs) horizontal line and the 1-A vertical line is 100 μH, and the inductor code is L29.
5. Select an appropriate inductor from the four manufacturer's part numbers listed in Table 2.
From the table in Table 2, locate line L29, and select an inductor part number from the list of manufacturers'
part numbers.
9.2.2.2.3
Output Capacitor Selection (COUT)
1. In the majority of applications, low ESR electrolytic or solid tantalum capacitors between 82 μF and 220 μF
provide the best results. This capacitor must be located close to the IC using short capacitor leads and short
copper traces. Do not use capacitors larger than 220 μF. For additional information, see Output Capacitor
(COUT).
2. To simplify the capacitor selection procedure, see Table 1 for a quick design guide. This table contains
different output voltages, and lists various output capacitors that provide the best design solutions.
From Table 1, locate the output voltage column. From that column, locate the output voltage closest to the
output voltage in your application. In this example, select the 24-V line. Under the Output Capacitor (COUT)
section, select a capacitor from the list of through hole electrolytic or surface mount tantalum types from four
different capacitor manufacturers. TI recommends that both the manufacturers and the manufacturers series
that are listed in Table 1 be used.
In this example, through hole aluminum electrolytic capacitors from several different manufacturers are
available:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com