Electronic Components Datasheet Search
  English  ▼

X  

LM2598 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2598
Description  SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator, With Features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2598 Datasheet(HTML) 1 Page - Texas Instruments

  LM2598 Datasheet HTML 1Page - Texas Instruments LM2598 Datasheet HTML 2Page - Texas Instruments LM2598 Datasheet HTML 3Page - Texas Instruments LM2598 Datasheet HTML 4Page - Texas Instruments LM2598 Datasheet HTML 5Page - Texas Instruments LM2598 Datasheet HTML 6Page - Texas Instruments LM2598 Datasheet HTML 7Page - Texas Instruments LM2598 Datasheet HTML 8Page - Texas Instruments LM2598 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM2598
SNVS125D – MARCH 1998 – REVISED MAY 2016
LM2598 SIMPLE SWITCHER® Power Converter 150-kHz 1-A Step-Down Voltage Regulator,
With Features
1
1 Features
1
•
3.3-V, 5-V, 12-V, and Adjustable Output Versions
•
Adjustable Version Output Voltage Range, 1.2-V
to 37-V ±4% Max Over Line and Load Conditions
•
1-A Output Current
•
Available in 7-Pin TO-220 and DDPAK (Surface
Mount) Package
•
Input Voltage Range Up to 40 V
•
Excellent Line and Load Regulation Specifications
•
150 kHz Fixed Frequency Internal Oscillator
•
Shutdown/Soft-start
•
Out of Regulation Error Flag
•
Error Output Delay
•
Low Power Standby Mode, IQ, Typically 85 μA
•
High Efficiency
•
Uses Readily Available Standard Inductors
•
Thermal Shutdown and Current Limit Protection
2 Applications
•
Simple High-Efficiency Step-down (Buck)
Regulator
•
Efficient Preregulator for Linear Regulators
•
On-Card Switching Regulators
•
Positive to Negative Converter
3 Description
The LM2598 series of regulators are monolithic
integrated circuits that provide all the active functions
for a step-down (buck) switching regulator, capable of
driving a 1-A load with excellent line and load
regulation. These devices are available in fixed output
voltages of 3.3 V, 5 V, 12 V, and an adjustable output
version.
The LM2598 is a member of the LM259x family.
Requiring
a
minimum
number
of
external
components, these regulators are simple to use and
include internal frequency compensation, improved
line and load specifications, fixed-frequency oscillator,
Shutdown/Soft-start, error flag delay and error flag
output.
The LM2598 series operates at a switching frequency
of
150
kHz,
thus
allowing
smaller
sized
filter
components than what would be required with lower-
frequency
switching
regulators.
Available
in
a
standard
7-lead
TO-220
package
with
several
different lead bend options, and a 7-lead DDPAK
surface mount package. Typically, for output voltages
less than 12 V, and ambient temperatures less than
50°C, no heat sink is required.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM2598
TO-220 (7)
14.986 mm × 10.16 mm
TO-263 (7)
10.10 mm × 8.89 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application
Fixed output voltage versions


Similar Part No. - LM2598

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2598 NSC-LM2598 Datasheet
847Kb / 33P
SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2598 TI1-LM2598 Datasheet
2Mb / 45P
SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM2598S-12 NSC-LM2598S-12 Datasheet
847Kb / 33P
SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2598S-3.3 NSC-LM2598S-3.3 Datasheet
847Kb / 33P
SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2598S-5.0 NSC-LM2598S-5.0 Datasheet
847Kb / 33P
SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
More results

Similar Description - LM2598

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2590HV NSC-LM2590HV Datasheet
752Kb / 20P
SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2593HV NSC-LM2593HV Datasheet
753Kb / 21P
SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator, with Features
LM2597 NSC-LM2597 Datasheet
900Kb / 34P
SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
LM2598 NSC-LM2598 Datasheet
847Kb / 33P
SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2599 NSC-LM2599 Datasheet
812Kb / 31P
SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2597HVM-ADJ TI-LM2597HVM-ADJ Datasheet
2Mb / 48P
LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
LM2592HV TI1-LM2592HV Datasheet
2Mb / 31P
SIMPLE SWITCHER Power Converter 150-kHz 2-A Step-Down Voltage Regulator
LM2593HV TI1-LM2593HV Datasheet
1Mb / 31P
SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
LM2594 TI1-LM2594_16 Datasheet
2Mb / 41P
SIMPLE SWITCHER Power Converter 150-kHz 0.5-A Step-Down Voltage Regulator
LM2595 TI1-LM2595_17 Datasheet
4Mb / 43P
SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com