Electronic Components Datasheet Search
  English  ▼

X  

LM2598 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM2598
Description  SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator, With Features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2598 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2598 Datasheet HTML 7Page - Texas Instruments LM2598 Datasheet HTML 8Page - Texas Instruments LM2598 Datasheet HTML 9Page - Texas Instruments LM2598 Datasheet HTML 10Page - Texas Instruments LM2598 Datasheet HTML 11Page - Texas Instruments LM2598 Datasheet HTML 12Page - Texas Instruments LM2598 Datasheet HTML 13Page - Texas Instruments LM2598 Datasheet HTML 14Page - Texas Instruments LM2598 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
11
LM2598
www.ti.com
SNVS125D – MARCH 1998 – REVISED MAY 2016
Product Folder Links: LM2598
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The LM2598 SIMPLE SWITCHER® regulator is an easy-to-use, nonsynchronous, step-down DC-DC converter
with a wide input voltage range up to 40 V. The regulator is capable of delivering up to 1-A DC load current with
excellent line and load regulation. These devices are available in fixed output voltages of 3.3-V, 5-V, 12-V and an
adjustable output version. The family requires few external components, and the pin arrangement was designed
for simple, optimum PCB layout.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 SHUTDOWN and Soft-Start
The circuit shown in Figure 20 is a standard buck regulator with 24-VIN, 12-VOUT, 280-mA load, and using a
0.068-μF soft-start capacitor. The photo in Figure 18 and Figure 19 show the effects of Soft-start on the output
voltage, the input current, with, and without a soft-start capacitor. Figure 18 also shows the error flag output
going high when the output voltage reaches 95% of the nominal output voltage. The reduced input current
required at start-up is very evident when comparing the two photos. The Soft-start feature reduces the start-up
current from 1 A down to 240 mA, and delays and slows down the output voltage rise time.
This reduction in start-up current is useful in situations where the input power source is limited in the amount of
current it can deliver. In some applications Soft-start can be used to replace undervoltage lockout or delayed
start-up functions.
If a very slow output voltage ramp is desired, the Soft-start capacitor can be made much larger. Many seconds or
even minutes are possible.
If only the shutdown feature is required, the Soft-start capacitor can be eliminated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com