Electronic Components Datasheet Search
  English  ▼

X  

LM2598 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM2598
Description  SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator, With Features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2598 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2598 Datasheet HTML 3Page - Texas Instruments LM2598 Datasheet HTML 4Page - Texas Instruments LM2598 Datasheet HTML 5Page - Texas Instruments LM2598 Datasheet HTML 6Page - Texas Instruments LM2598 Datasheet HTML 7Page - Texas Instruments LM2598 Datasheet HTML 8Page - Texas Instruments LM2598 Datasheet HTML 9Page - Texas Instruments LM2598 Datasheet HTML 10Page - Texas Instruments LM2598 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
7
LM2598
www.ti.com
SNVS125D – MARCH 1998 – REVISED MAY 2016
Product Folder Links: LM2598
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
Electrical Characteristics – All Output Voltage Versions (continued)
Specifications are for TJ = 25°C unless otherwise noted. Unless otherwise specified, VIN = 12 V for the 3.3-V, 5-V, and
Adjustable version and VIN = 24 V for the 12-V version. ILOAD = 500 mA
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
SHUTDOWN AND SOFT-START CONTROL (see Figure 42 and Figure 45 for test circuits)
VSD
Shutdown threshold
voltage
TJ = 25°C
1.3
V
Low, (Shutdown Mode), over full operating temperature
range
0.6
High, (Soft-start Mode), over full operating temperature
range
2
VSS
Soft-start voltage
VOUT = 20% of nominal output voltage
2
V
VOUT = 100% of nominal output voltage
3
ISD
Shutdown current
VSHUTDOWN = 0.5 V
5
10
μA
ISS
Soft-start current
VSoft-start = 2.5 V
1.6
5
μA
FLAG AND DELAY CONTROL (see Figure 42 and Figure 45 for test circuits)
Regulator dropout
detector threshold
voltage
Low (Flag ON)
92%
96%
98%
VFSAT
Voltage flag output
saturation
ISINK = 3 mA
0.3
V
VDELAY = 0.5 V
TJ = 25°C
0.7
V
Over full operating
temperature range
1
IFL
Flag output leakage
current
VFLAG = 40 V
0.3
μA
Voltage delay pin
threshold
1.25
V
Low (Flag ON)
1.21
V
High (Flag OFF) and VOUT Regulated
1.29
Delay pin source
current
VDELAY = 0.5 V
3
6
μA
Delay pin saturation
Low (Flag ON)
TJ = 25°C
55
350
mV
Over full operating
temperature range
400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com