Electronic Components Datasheet Search
  English  ▼

X  

LM2598 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM2598
Description  SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator, With Features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2598 Datasheet(HTML) 4 Page - Texas Instruments

  LM2598 Datasheet HTML 1Page - Texas Instruments LM2598 Datasheet HTML 2Page - Texas Instruments LM2598 Datasheet HTML 3Page - Texas Instruments LM2598 Datasheet HTML 4Page - Texas Instruments LM2598 Datasheet HTML 5Page - Texas Instruments LM2598 Datasheet HTML 6Page - Texas Instruments LM2598 Datasheet HTML 7Page - Texas Instruments LM2598 Datasheet HTML 8Page - Texas Instruments LM2598 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
4
LM2598
SNVS125D – MARCH 1998 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM2598
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Voltage internally clamped. If clamp voltage is exceeded, limit current to a maximum of 1 mA.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Maximum supply voltage, VIN
45
V
SD/SS pin input voltage(3)
6
V
Delay pin voltage(3)
1.5
V
Flag pin voltage
–0.3
45
V
Feedback pin voltage
–0.3
25
V
Output voltage to ground (steady state)
–1
V
Power dissipation
Internally limited
Lead temperature
KTW package
Vapor phase (60 s)
215
°C
Infrared (10 s)
245
NDZ package (soldering, 10 s)
260
Maximum junction temperature
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
The human body model is a 100-pF capacitor discharged through a 1.5k resistor into each pin.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2)
±2000
V
7.3 Recommended Operating Conditions
MIN
MAX
UNIT
Supply voltage
4.5
40
V
Temperature
–25
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
The package thermal impedance is calculated in accordance to JESD 51-7.
(3)
Thermal Resistances were simulated on a 4 -layer, JEDEC board.
(4)
Junction to ambient thermal resistance (no external heat sink) for the package mounted TO-220 package mounted vertically, with the
leads soldered to a printed circuit board with (1 oz.) copper area of approximately 1 in2.
(5)
Junction to ambient thermal resistance with the TO-263 package tab soldered to a single sided printed circuit board with 0.5 in2 of (1
oz.) copper area.
(6)
Junction to ambient thermal resistance with the TO-263 package tab soldered to a single sided printed circuit board with 2.5 in2 of (1
oz.) copper area.
(7)
Junction to ambient thermal resistance with the TO-263 package tab soldered to a double sided printed circuit board with 3 in2 of (1 oz.)
copper area on the LM2598S side of the board, and approximately 16 in2 of copper on the other side of the PCB.
7.4 Thermal Information
THERMAL METRIC(1)
LM2598
UNIT
KTW (TO-263)
NDZ (TO-220)
7 PINS
7 PINS
RθJA
Junction-to-ambient thermal resistance(2)(3)
See(4)
—
50
°C/W
See(5)
50
—
See(6)
30
—
See(7)
20
—
RθJC(top)
Junction-to-case (top) thermal resistance
2
2
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com