Electronic Components Datasheet Search
  English  ▼

X  

LM2598 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM2598
Description  SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator, With Features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2598 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM2598 Datasheet HTML 13Page - Texas Instruments LM2598 Datasheet HTML 14Page - Texas Instruments LM2598 Datasheet HTML 15Page - Texas Instruments LM2598 Datasheet HTML 16Page - Texas Instruments LM2598 Datasheet HTML 17Page - Texas Instruments LM2598 Datasheet HTML 18Page - Texas Instruments LM2598 Datasheet HTML 19Page - Texas Instruments LM2598 Datasheet HTML 20Page - Texas Instruments LM2598 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
17
LM2598
www.ti.com
SNVS125D – MARCH 1998 – REVISED MAY 2016
Product Folder Links: LM2598
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
9.1.1 Soft-Start Capacitor (CSS)
A capacitor on this pin provides the regulator with a Soft-start feature (slow start-up). When the DC input voltage
is first applied to the regulator, or when the Shutdown/Soft-start pin is allowed to go high, a constant current
(approximately 5 μA begins charging this capacitor). As the capacitor voltage rises, the regulator goes through
four operating regions (See the bottom curve in Figure 28).
1. Regulator in shutdown: When the SD/SS pin voltage is between 0 V and 1.3 V, the regulator is in shutdown,
the output voltage is zero, and the IC quiescent current is approximately 85 μA.
2. Regulator ON, but the output voltage is zero: With the SD/SS pin voltage between approximately 1.3 V and
1.8 V, the internal regulator circuitry is operating, the quiescent current rises to approximately 5 mA, but the
output voltage is still zero. Also, as the 1.3-V threshold is exceeded, the Soft-start capacitor charging current
decreases from 5 μA down to approximately 1.6 μA. This decreases the slope of capacitor voltage ramp.
3. Soft-start region: When the SD/SS pin voltage is between 1.8 V and 2.8 V at 25°C, the regulator is in a Soft-
start condition. The switch (Pin 1) duty cycle initially starts out very low, with narrow pulses and gradually get
wider as the capacitor SD/SS pin ramps up towards 2.8 V. As the duty cycle increases, the output voltage
also increases at a controlled ramp up. See the center curve in Figure 28. The input supply current
requirement also starts out at a low level for the narrow pulses and ramp up in a controlled manner. This is a
very useful feature in some switcher topologies that require large start-up currents (such as the inverting
configuration) which can load down the input power supply.
Note: The lower curve shown in Figure 28 shows the Soft-start region from 0% to 100%. This is not the duty
cycle percentage, but the output voltage percentage. Also, the Soft-start voltage range has a negative
temperature coefficient associated with it.
4. Normal operation: Above 2.8 V, the circuit operates as a standard pulse width modulated switching regulator.
The capacitor continues to charge up until it reaches the internal clamp voltage of approximately 7 V. If this
pin is driven from a voltage source, the current must be limited to about 1 mA.
If the part is operated with an input voltage at or below the internal soft-start clamp voltage of approximately 7 V,
the voltage on the SD/SS pin tracks the input voltage and can be disturbed by a step in the voltage. To maintain
proper function under these conditions, it is strongly recommended that the SD/SS pin be clamped externally
between the 3-V maximum soft-start threshold and the 4.5-V minimum input voltage. Figure 30 is an example of
an external approximately 3.7-V clamp that prevents a line-step related glitch but does not interfere with the soft-
start behavior of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com