Electronic Components Datasheet Search
  English  ▼

X  

LM3281 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM3281
Description  3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3281 Datasheet(HTML) 3 Page - Texas Instruments

  LM3281 Datasheet HTML 1Page - Texas Instruments LM3281 Datasheet HTML 2Page - Texas Instruments LM3281 Datasheet HTML 3Page - Texas Instruments LM3281 Datasheet HTML 4Page - Texas Instruments LM3281 Datasheet HTML 5Page - Texas Instruments LM3281 Datasheet HTML 6Page - Texas Instruments LM3281 Datasheet HTML 7Page - Texas Instruments LM3281 Datasheet HTML 8Page - Texas Instruments LM3281 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
GND
C2
C1
EN
MODE
B1
B2
SW
A1
FB
A2
LM3281
VIN
EN
MODE
GND
SW
VIN
FB
A
B
C
1
2
LM3281
www.ti.com
SNVSA38 – NOVEMBER 2014
5 Pin Configuration and Functions
DSBGA (YFQ)
6 Pins
Top
Figure 1. Pin Out
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
Connect to the output at the output filter capacitor COUT by lowest inductance path with a
A1
FB
Power
trace rated for 2 A.
Connect to input filter capacitor CIN by lowest inductance path, then connect to supply
A2
VIN
Power
voltage with a trace rated for 2 A.
Selects automatic ECO/PWM mode or forced PWM mode. When MODE is HIGH the
B1
MODE
Logic
LM3281 automatically transitions between PWM and ECO operation. When MODE is LOW
the LM3281 operates in PWM mode only. Do not leave MODE pin floating.
B2
SW
Power
Connect to inductor LSW with a trace rated for 2 A.
Set this digital input logic high for normal operation. For shutdown, set to logic low. Do not
C1
EN
Logic
leave EN pin floating.
Connect to input filter capacitor CIN by lowest inductance path, then to system ground by a
C2
GND
Ground
very low inductance path.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com