Electronic Components Datasheet Search
  English  ▼

X  

LM3281 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM3281
Description  3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3281 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3281 Datasheet HTML 2Page - Texas Instruments LM3281 Datasheet HTML 3Page - Texas Instruments LM3281 Datasheet HTML 4Page - Texas Instruments LM3281 Datasheet HTML 5Page - Texas Instruments LM3281 Datasheet HTML 6Page - Texas Instruments LM3281 Datasheet HTML 7Page - Texas Instruments LM3281 Datasheet HTML 8Page - Texas Instruments LM3281 Datasheet HTML 9Page - Texas Instruments LM3281 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LM3281
SNVSA38 – NOVEMBER 2014
www.ti.com
6.6 System Characteristics
(1) (2) (3) (4)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ILOAD_MAX
(5)
Maximum load current
1200
mA
VO_RIPPLE_PWM
PWM mode VOUT ripple
ILOAD = 600 mA
1
mV
VO_RIPPLE_ECO
ECO mode VOUT ripple
ILOAD = 30 mA
60
VO_PWM_ACC
PWM mode VOUT
3.2
3.3
3.4
VIN = 3.8 V
V
VO_ECO_ACC
ECO mode VOUT
3.2
3.3
3.4
ITRIG_PWM_TO_ECO
PWM to ECO mode ILOAD
ILOAD falling
50
threshold
mA
ITRIG_ECO_TO_PWM
ECO to PWM mode ILOAD
ILOAD rising
70
threshold
VDROPOUT_BYPASS
Bypass mode total dropout
ILOAD = 600 mA, VIN = 3.2V
60
80
voltage with LSW inductor
mV
ILOAD = 1200 mA, VIN = 3.2V
120
160
DCR = 40 m
Ω
ION_SOFT_START
Soft-start supply current
EN = low-to-high,
during turnon averaged in
ILOAD ≤ 1 mA
500
1000
mA
any 10-µs window
TON
Turnon transient time from
EN = low-to-high,
EN = high until VOUT is
ILOAD ≤ 1 mA
settled to within ±50 mV of
150
µs
settled value, and full 1200-
mA load may be applied
ILOAD = 1200 mA
89%
PWM mode efficiency
ILOAD = 600 mA
93%
η
ILOAD = 300 mA
94%
ECO mode efficiency
ILOAD = 30 mA
91%
IQ_CL
Closed loop quiescent
ILOAD = 0 mA
16
25
µA
current
VLINE_TR_PWM_PWM
(6)
ILOAD = 600 mA
20
mVpk
PWM-to-PWM line
VIN = 4.2 V to 3.8 V
TLINE_TR_PWM_PWM
(7)
transient response
VIN = 3.8 V to 4.2 V with 7-µs
0(8)
µS
edge rate
VLOAD_TR_PWM_PWM
(6)
ILOAD = 150 mA to 600 mA or
80
mVpk
PWM-to-PWM load
ILOAD = 600 mA to 150 mA with
TLOAD_TR_PWM_PWM
(7)
transient response
3
µS
1-µs edge rate, VIN = 3.8 V
VLOAD_TR_ECO_TO_PWM
(6)
200
mVpk
ECO-to-PWM load
ILOAD = 30 mA to 600 mA with
transient response
1-µs edge rate, VIN = 3.8 V
TLOAD_TR_ECO_TO_PWM
(7)
6
µS
VIN_RAMP
(9)
ILOAD = 0 mA
Input voltage ramp time
Input power supply rising from
20
µs
1.2 V to 2.6 V
(1)
All voltages are with respect to the GND pin.
(2)
All TYP characteristics apply to the Simplified Schematic with VIN = 3.8 V, EN = MODE = VIN, at TA = 25°C, device in PWM operation,
unless otherwise noted and assume the following passive components:
(a) CIN = COUT = Samsung 2.2 µF 0201 case size (PN: CL03A225MQ3CRNC)
(b) LSW = Murata 0.47 µH 2012 case size (PN: LQM21PNR47MGH)
(c) CLOAD1 = Samsung 10 µF 0402 case size (PN: CL05A106MP5NUNC)
(d) CLOAD2 = Samsung 4.7 µF 0402 case size (PN: CL05A475MP5NRNC)
(3)
All system characteristics are specified by design, test or statistical analysis and are not specified by production testing.
(4)
Minimum (MIN) and Maximum (MAX) limits apply over the ambient temperature operating range –30°C to 90°C and over the VIN range
3 V to 5.5 V, unless otherwise noted.
(5)
Refer to section High Maximum Current in this data sheet for load current use case profile.
(6)
Transient magnitude is defined as maximum deviation from final settled value during transient time.
(7)
Transient time is defined as time elapsed from the start of the event to when VOUT is finally within ±50 mV of settled value.
(8)
Transient magnitude does not exceed ± 50 mV of settled value, so transient time is 0 µS.
(9)
This parameter is only applicable when EN is tied to VIN. See Power-On Reset section for further details.
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LM3281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com