Electronic Components Datasheet Search
  English  ▼

X  

LM3281 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM3281
Description  3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3281 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3281 Datasheet HTML 13Page - Texas Instruments LM3281 Datasheet HTML 14Page - Texas Instruments LM3281 Datasheet HTML 15Page - Texas Instruments LM3281 Datasheet HTML 16Page - Texas Instruments LM3281 Datasheet HTML 17Page - Texas Instruments LM3281 Datasheet HTML 18Page - Texas Instruments LM3281 Datasheet HTML 19Page - Texas Instruments LM3281 Datasheet HTML 20Page - Texas Instruments LM3281 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
VOUT (V)
100 mV/DIV
Load Current
(mA)
500 mA/DIV
Time (20 µs/DIV)
VOUT (V)
100 mV/DIV
Load Current
(mA)
500 mA/DIV
Time (20 µs/DIV)
VOUT (V)
100 mV/DIV
Load Current
(mA)
500 mA/DIV
Time (20 µs/DIV)
VOUT (V)
200 mV/DIV
Load Current
(mA)
1 A/DIV
Time (20 µs/DIV)
VIN (V)
500 mV/DIV
VOUT (V)
50 mV/DIV
Time (100 µs/DIV)
VIN (V)
500 mV/DIV
VOUT (V)
500 mV/DIV
Time (100 µs/DIV)
LM3281
www.ti.com
SNVSA38 – NOVEMBER 2014
8.2.3 Application Curves
3.8 V
→ 4.2V → 3.8 V
IOUT = 600 mA
3.2 V
→ 3.8 V → 3.2 V
IOUT = 600 mA
Figure 18. Line Transient Response
Figure 19. Line Transient Response: Bypass Region
PWM-PWM 150 mA
→ 600 mA → 150 mA
PWM-PWM Heavy Step 150 mA
→1200 mA → 150 mA
Figure 20. Load Transient Response
Figure 21. Load Transient Response
ECO-PWM-ECO 30 mA
→ 600 mA → 30 mA
Forced PWM 30 mA
→ 600 mA → 30 mA
Figure 22. Load Transient Response
Figure 23. Load Transient Response
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com