Electronic Components Datasheet Search
  English  ▼

X  

LM3281 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM3281
Description  3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3281 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3281 Datasheet HTML 4Page - Texas Instruments LM3281 Datasheet HTML 5Page - Texas Instruments LM3281 Datasheet HTML 6Page - Texas Instruments LM3281 Datasheet HTML 7Page - Texas Instruments LM3281 Datasheet HTML 8Page - Texas Instruments LM3281 Datasheet HTML 9Page - Texas Instruments LM3281 Datasheet HTML 10Page - Texas Instruments LM3281 Datasheet HTML 11Page - Texas Instruments LM3281 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Vin (V)
3.26 3.28 3.3 3.32 3.34 3.36 3.38 3.4 3.42 3.44 3.46 3.48
3.04
3.08
3.12
3.16
3.2
3.24
3.28
3.32
3.36
3.4
3.44
3.48
+3% Limit
-3% Limit
D006
IOUT = 300 mA
IOUT = 500 mA
IOUT = 600 mA
IOUT = 700 mA
IOUT = 800 mA
IOUT = 1000 mA
IOUT = 1200 mA
Vin (V)
3.26 3.28 3.3 3.32 3.34 3.36 3.38 3.4 3.42 3.44 3.46 3.48
3.04
3.08
3.12
3.16
3.2
3.24
3.28
3.32
3.36
3.4
3.44
3.48
+3% Limit
-3% Limit
D007
IOUT = 300 mA
IOUT = 500 mA
IOUT = 600 mA
IOUT = 700 mA
IOUT = 800 mA
IOUT = 1 A
IOUT = 1.2 A
Load (mA)
0
5
10
15
20
25
30
35
40
45
50
55
60
0
10
20
30
40
50
60
70
80
90
100
110
120
130
D004
VIN = 3.4 V
VIN = 3.8 V
VIN = 4.8 V
Vin (V)
3.5
4
4.5
5
5.5
5.5
5.6
5.7
5.8
5.9
6
6.1
6.2
6.3
6.4
6.5
D005
VOUT (V)
1 mV/DIV
SW (V)
2 V/DIV
Time (40 ns/DIV)
VOUT (V)
1 mV/DIV
SW (V)
2 V/DIV
Time (40 ns/DIV)
LM3281
SNVSA38 – NOVEMBER 2014
www.ti.com
Typical Characteristics (continued)
All curves are at TA = 25°C and VIN = 3.8 V, unless otherwise specified. CIN, COUT = 2.2 µF, CLOAD2 = 4.7 µF, CLOAD1 = 10 µF,
LSW = 0.47 µH.
IOUT = 100 mA
IOUT = 10 mA
Figure 8. Output Voltage Ripple in PWM Mode
Figure 9. Output Voltage Ripple in Forced PWM Mode
Figure 10. ECO Burst Frequency vs Output Current
Figure 11. PWM Switching Frequency vs VIN
Figure 12. PWM-to-Analog Bypass Transition, Falling VIN
Figure 13. Analog Bypass-to-PWM Transition, Rising VIN
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LM3281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com