Electronic Components Datasheet Search
  English  ▼

X  

LM3281 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM3281
Description  3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3281 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM3281 Datasheet HTML 10Page - Texas Instruments LM3281 Datasheet HTML 11Page - Texas Instruments LM3281 Datasheet HTML 12Page - Texas Instruments LM3281 Datasheet HTML 13Page - Texas Instruments LM3281 Datasheet HTML 14Page - Texas Instruments LM3281 Datasheet HTML 15Page - Texas Instruments LM3281 Datasheet HTML 16Page - Texas Instruments LM3281 Datasheet HTML 17Page - Texas Instruments LM3281 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
WLAN/BT
Module
VIN_d
VIN_c
VIN_b
VIN_a
System
Boost/Bypass
VBAT
2.7 V to 4.5 V
VBST
2G
3G/4G
VBAT
10 µF
10 µF
DC/DC
DC/DC
VBST
VBAT
10 µF + 4.7 µF (0402)
FB
EN
VIN
SW
VIN
3 V - 5.5 V
2.2 µF
2.2 µF
GND
0.47 µH
LM3281
VOUT
3.3 V
GPO
MODE
LM3281
SNVSA38 – NOVEMBER 2014
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM3281 is a high efficiency DC-DC converter optimized to power Wireless Connectivity Solutions in cell
phones, portable communication devices or other battery-powered RF devices. The device is designed to
operate from an input supply voltage between 3 V and 5.5 V with a maximum load current of 1.2 A. It operates in
PWM mode for medium to heavy load conditions and in ECO mode for light load conditions to optimize for best
efficiency , transient performance and output voltage ripple at varying load conditions. In PWM mode the LM3281
converter operates with nominal switching frequency of 6 MHz, thus enabling use of smaller size capacitors and
inductor. The converter operates in ECO mode at lighter load conditions to maintain high efficiency. In this mode
a period of switching burst charges the output capacitor to the regulation target. This is followed by a period of no
switching where the output voltages coasts to a lower voltage threshold due to light load current consumption.
Upon reaching this lower voltage threshold, the cycle repeats by starting a new switching burst. The LM3281
automatically transitions into Analog Bypass operation as input voltage approaches output voltage.
Figure 17 shows one of many application configurations for LM3281. A battery-connected system boost bypass
(normally part of system PMU) provides input supply to LM3281 which in turn very efficiently converts this input
to a fixed 3.3-V output with superior transient response and output noise, thereby saving the Wireless
Connectivity Solution from having to operate from a higher supply voltage, such as a direct connection to a
battery or a system boost/bypass. This results in significant power dissipation savings and consequently cooler
operation for the connectivity solution without sacrificing its RF performance. In applications where low voltage
battery operation is not a significant feature, system boost/bypass can be eliminated, and the LM3281 can be
directly connected to a battery for high efficiency power conversion and excellent RF performance. These types
of always-on applications are feasible because of very low IQ of LM3281.
8.2 Typical Application
Figure 17. LM3281 Typical Application
14
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LM3281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com