Electronic Components Datasheet Search
  English  ▼

X  

DP8420V Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8420V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8420V Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button DP8420V Datasheet HTML 31Page - National Semiconductor (TI) DP8420V Datasheet HTML 32Page - National Semiconductor (TI) DP8420V Datasheet HTML 33Page - National Semiconductor (TI) DP8420V Datasheet HTML 34Page - National Semiconductor (TI) DP8420V Datasheet HTML 35Page - National Semiconductor (TI) DP8420V Datasheet HTML 36Page - National Semiconductor (TI) DP8420V Datasheet HTML 37Page - National Semiconductor (TI) DP8420V Datasheet HTML 38Page - National Semiconductor (TI) DP8420V Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
70 RAS and CAS Configuration Modes (Continued)
75 PAGEBURST MODE
In a static column page or burst mode system the least
significant bits must be tied to the column address in order
to ensure that the pageburst accesses are to sequential
memory addresses as shown in
Figure 30
In a nibble
mode system the least significant bits must be tied to the
highest column and row address bits in order to ensure that
sequential address bits are the ‘‘nibble’’ bits for nibble mode
accesses
(Figure 30) The ECAS inputs may then be tog-
gled with the DP8420V21V22V’s DP84T22’s address
latches in fall-through mode while AREQ is asserted The
ECAS inputs can also be used to select individual bytes
When using nibble mode DRAMS the third and fourth ad-
dress bits can be tied to the bank select inputs to perform
memory interleaving In page or static column modes the
two address bits after the page size can be tied to the bank
select inputs to select a new bank if the page size is ex-
ceeded
TLF11109 – 49
See table below for row column
bank address bit map A0 A1 are used for byte addressing in this example
Addresses
Nibble Mode
Page ModeStatic Column Mode Page Size
256 BitsPage
512 BitsPage
1024 BitsPage
2048 BitsPage
Column
C9R9 e A2A3
C0 – 7 e A2–9
C0–8 e A2–10
C0–9 e A2–11
C0–10 e A2–12
Address
C0 – 8 e X
C8–10 e X
C910 e X
C10 e X
Row
XX
X
X
X
Address
B0
A4
A10
A11
A12
A13
B1
A5
A11
A12
A13
A14
Assume that the least significant address bits are used for byte addressing Given a 32-bit system A0A1 would be
used for byte addressing
X e DON’T CARE the user can do as he pleases
Nibble mode values for R and C assume a system using 1 Mbit DRAMs
FIGURE 30 Page Static Column Nibble Mode System
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com