Electronic Components Datasheet Search
  English  ▼

X  

DP8420V Datasheet(PDF) 57 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8420V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8420V Datasheet(HTML) 57 Page - National Semiconductor (TI)

Back Button DP8420V Datasheet HTML 52Page - National Semiconductor (TI) DP8420V Datasheet HTML 53Page - National Semiconductor (TI) DP8420V Datasheet HTML 54Page - National Semiconductor (TI) DP8420V Datasheet HTML 55Page - National Semiconductor (TI) DP8420V Datasheet HTML 56Page - National Semiconductor (TI) DP8420V Datasheet HTML 57Page - National Semiconductor (TI) DP8420V Datasheet HTML 58Page - National Semiconductor (TI) DP8420V Datasheet HTML 59Page - National Semiconductor (TI) DP8420V Datasheet HTML 60Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
130 AC Timing Parameters (Continued)
Unless otherwise stated VCC e 50V g10% 0 C k TA k 70 C the output load capacitance is typical for 4 banks of 18 DRAMs
per bank including trace capacitance (Note 2)
Two different loads are specified
CL e 50 pF loads on all outputs except
CL e 150 pF loads on Q0–8 9 10 and WE or
CH e 50 pF loads on all outputs except
CH e 125 pF loads on RAS0–3 and CAS0–3 and
CH e 380 pF loads on Q0–8 9 10 and WE
Programming
DP8420V21V22V and DP84T22V
Number
Symbol
Parameter Description
CL
CH
Min
Max
Min
Max
500
tHMLADD
Mode Address Held from ML Negated
6
6
501
tSADDML
Mode Address Setup to ML Negated
6
6
502
tWML
ML Pulse Width
12
12
503
tSADAQML
Mode Address Setup to AREQ Asserted
0
0
504
tHADAQML
Mode Address Held from AREQ Asserted
30
30
505
tSCSARQ
CS Asserted Setup to
66
AREQ Asserted
506
tSMLARQ
ML Asserted Setup to AREQ Asserted
6
6
TLF11109 – 71
FIGURE 44 500 Programming
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com