Electronic Components Datasheet Search
  English  ▼

X  

DP8420V Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8420V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8420V Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button DP8420V Datasheet HTML 10Page - National Semiconductor (TI) DP8420V Datasheet HTML 11Page - National Semiconductor (TI) DP8420V Datasheet HTML 12Page - National Semiconductor (TI) DP8420V Datasheet HTML 13Page - National Semiconductor (TI) DP8420V Datasheet HTML 14Page - National Semiconductor (TI) DP8420V Datasheet HTML 15Page - National Semiconductor (TI) DP8420V Datasheet HTML 16Page - National Semiconductor (TI) DP8420V Datasheet HTML 17Page - National Semiconductor (TI) DP8420V Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
40 Port A Access Modes (Continued)
42 ACCESS MODE 1
Mode 1 asynchronous access is selected by asserting the
input B1 during programming (B1e1) This mode allows ac-
cesses to start immediately from the access request input
ADS To initiate a Mode 1 access CS is asserted followed
by ADS asserted If precharge time was met a refresh of
the DRAM or a Port B access was not in progress the RAS
(RASs) would be asserted from ADS being asserted If a
refresh or Port B access is in progress or precharge time is
required the controller will wait until these events have tak-
en place and assert RAS (RASs) from the next rising edge
of clock
When ADS is asserted or sometime after AREQ must be
asserted At this time ADS can be negated and AREQ will
continue the access Also ADS can continue to be asserted
after AREQ has been asserted and negated however a
new access will not start until ADS is negated and asserted
again When address pipelining is not implemented ADS
and AREQ can be tied together
The access will end when AREQ is negated
TLF11109 – 10
FIGURE 8b Access Mode 1
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com