Electronic Components Datasheet Search
  English  ▼

X  

LM3528 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM3528
Description  High Efficiency, Multi Display LED Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3528 Datasheet(HTML) 4 Page - Texas Instruments

  LM3528 Datasheet HTML 1Page - Texas Instruments LM3528 Datasheet HTML 2Page - Texas Instruments LM3528 Datasheet HTML 3Page - Texas Instruments LM3528 Datasheet HTML 4Page - Texas Instruments LM3528 Datasheet HTML 5Page - Texas Instruments LM3528 Datasheet HTML 6Page - Texas Instruments LM3528 Datasheet HTML 7Page - Texas Instruments LM3528 Datasheet HTML 8Page - Texas Instruments LM3528 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
LM3528
SNVS513B – AUGUST 2008 – REVISED MAY 2013
www.ti.com
Electrical Characteristics (continued)
Specifications in standard type face are for TA = 25°C and those in boldface type apply over the Operating Temperature
Range of TA = −40°C to +85°C. Unless otherwise specified VIN = 3.6V, VIO = 1.8V, VRESET/GPIO = VIN, VSUB/FB = VMAIN = 0.5V,
R
SET
= 12.0k
Ω, OLED = ‘0’, ENM = ENS = ‘1’, BSUB = BMAIN = Full Scale.
(1) (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ILED-MATCH
IMAIN to ISUB/FB Current
UNI = ‘1’,
0.15
1
%
Matching
2.5V < VIN < 5.5V
(3)
VSET
SET Pin Voltage
3.0V < VIN < 5V
1.244
V
ILED/ISET
ILED Current to ISET Current
192
Ratio
VREG_CS
Regulated Current Sink
500
mV
Headroom Voltage
VREG_OLED
VSUB/FB Regulation Voltage in 2.5V < VIN < 5.5V, OLED =
1.170
1.21
1.237
V
OLED Mode
‘1’
VHR
Current Sink Minimum
ILED = 95% of nominal
300
mV
Headroom Voltage
RDSON
NMOS Switch On Resistance ISW = 100mA
0.43
Ω
ICL
NMOS Switch Current Limit
2.5V < VIN < 5.5V
645
770
900
mA
VOVP
Output Over-Voltage
ON Threshold,
20.6
22
23
Protection
2.5V < VIN < 5.5V
V
OFF Threshold,
19.25
20.6
21.5
2.7V < VIN < 5.5V
fSW
Switching Frequency
1.0
1.27
1.4
MHz
DMAX
Maximum Duty Cycle
90
%
DMIN
Minimum Duty Cycle
10
%
IQ
Quiescent Current, Device
VMAIN and VSUB/FB >
Not Switching
VREG_CS,
350
390
BSUB = BMAIN = 0x00, 2.5V
< VIN < 5.5V
µA
VSUB/FB > VREG_OLED,
OLED=’1’, ENM=ENS=’0’,
250
260
RSET Open,
2.5V < VIN < 5.5V
ISHDN
Shutdown Current
ENM = ENS = OLED = '0',
1.8
3
µA
2.5V < VIN < 5.5V
HWEN/PGEN/GPIO, GPIO1 Pin Voltage Specifications
VIL
Input Logic Low
2.5V < VIN <5.5V, MODE bit
0.5
V
= 0
VIH
Input Logic High
2.5V < VIN < 5.5V, MODE bit
1.1
V
= 0
VOL
Output Logic Low
ILOAD=3mA, MODE bit = 1
400
mV
I2C Compatible Voltage Specifications (SCL, SDA, VIO)
VIO
Serial Bus Voltage Level
2.5V < VIN < 5.5V
(4)
1.7
VIN
V
VIL
Input Logic Low
2.5V < VIN < 5.5V
0.36×VIO
V
VIH
Input Logic High
2.5V < VIN < 5.5V
0.7×VIO
V
VOL
Output Logic Low
ILOAD = 3mA
400
mV
I2C Compatible Timing Specifications (SCL, SDA, VIO, see Figure 4) (5)(4)
t1
SCL Clock Period
2.5
µs
t2
Data In Setup Time to SCL
100
ns
High
t3
Data Out Stable After SCL
0
ns
Low
(3)
The matching specification between MAIN and SUB is calculated as 100 × ((IMAIN or ISUB) - IAVE) / IAVE. This simplifies out to be 100 ×
(IMAIN - ISUB)/(IMAIN + ISUB).
(4)
SCL and SDA signals are referenced to VIO and GND for minimum VIO voltage testing. VIO limits indicate the minimum voltage at VIO
at which the part is operational.
(5)
SCL and SDA must be glitch-free in order for proper brightness control to be realized.
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM3528



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com